Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR480E Datasheet(PDF) 6 Page - ON Semiconductor

Part # MUR480E
Description  SWITCHMODE TM Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR480E Datasheet(HTML) 6 Page - ON Semiconductor

  MUR480E Datasheet HTML 1Page - ON Semiconductor MUR480E Datasheet HTML 2Page - ON Semiconductor MUR480E Datasheet HTML 3Page - ON Semiconductor MUR480E Datasheet HTML 4Page - ON Semiconductor MUR480E Datasheet HTML 5Page - ON Semiconductor MUR480E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MUR480E, MUR4100E
http://onsemi.com
6
PACKAGE DIMENSIONS
AXIAL LEAD
CASE 267−05
(DO−201AD)
ISSUE G
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. CATHODE (POLARITY BAND)
2. ANODE
1
2
K
A
K
D
B
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.287
0.374
7.30
9.50
B
0.189
0.209
4.80
5.30
D
0.047
0.051
1.20
1.30
K
1.000
−−−
25.40
−−−
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MUR480E/D
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MUR480E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR480E ONSEMI-MUR480E Datasheet
81Kb / 8P
   SWITCHMODE Power Rectifiers
April, 2003 - Rev. 4
MUR480E ONSEMI-MUR480E Datasheet
107Kb / 6P
   SWITCHMODE Power Rectifiers
February, 2008 - Rev. 8
logo
Digitron Semiconductors
MUR480E DIGITRON-MUR480E Datasheet
146Kb / 3P
   4A SCHOTTKY RECTIFIER
logo
ON Semiconductor
MUR480E ONSEMI-MUR480E Datasheet
132Kb / 6P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 9
logo
Thinki Semiconductor Co...
MUR480E THINKISEMI-MUR480E Datasheet
705Kb / 2P
   4.0 Ampere SwitchMode Type Ultra Fast Recovery Rectifiers
More results

Similar Description - MUR480E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BYW80 ONSEMI-BYW80 Datasheet
59Kb / 4P
   SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 2
MUR420 ONSEMI-MUR420_06 Datasheet
67Kb / 7P
   SWITCHMODE TM Power Rectifiers
July, 2006 ??Rev. 11
BYW29 ONSEMI-BYW29 Datasheet
56Kb / 4P
   SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 1
MUR210 ONSEMI-MUR210_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
February, 2006 ??Rev. 1
MUR240 ONSEMI-MUR240_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 6
MBR4015CTL ONSEMI-MBR4015CTL Datasheet
49Kb / 4P
   SWITCHMODE TM Power Rectifier
September, 2005 ??Rev. 4
BYV32-200 ONSEMI-BYV32-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 2
MUR260 ONSEMI-MUR260_06 Datasheet
58Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 4
BYW51-200 ONSEMI-BYW51-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 3
MUR220 ONSEMI-MUR220_06 Datasheet
58Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com