Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR4100E Datasheet(PDF) 5 Page - ON Semiconductor

Part # MUR4100E
Description  ULTRAFAST RECTIFIERS 4.0 AMPS, 900 - 1000 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR4100E Datasheet(HTML) 5 Page - ON Semiconductor

  MUR4100E Datasheet HTML 1Page - ON Semiconductor MUR4100E Datasheet HTML 2Page - ON Semiconductor MUR4100E Datasheet HTML 3Page - ON Semiconductor MUR4100E Datasheet HTML 4Page - ON Semiconductor MUR4100E Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MUR490E, MUR4100E
http://onsemi.com
5
PACKAGE DIMENSIONS
AXIAL LEAD
CASE 267−05
ISSUE G
1
2
K
A
K
D
B
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.287
0.374
7.30
9.50
B
0.189
0.209
4.80
5.30
D
0.047
0.051
1.20
1.30
K
1.000
−−−
25.40
−−−
NOTES:
1. DIMENSIONS AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 267−04 OBSOLETE, NEW STANDARD 267−05.
STYLE 1:
PIN 1. CATHODE (POLARITY BAND)
2. ANODE
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MUR490E/D
SWITCHMODE registered trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - MUR4100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR4100E MOTOROLA-MUR4100E Datasheet
120Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 900-1000 VOLTS
logo
ON Semiconductor
MUR4100E ONSEMI-MUR4100E Datasheet
81Kb / 8P
   SWITCHMODE Power Rectifiers
April, 2003 - Rev. 4
MUR4100E ONSEMI-MUR4100E Datasheet
88Kb / 6P
   SWITCHMODE TM Power Rectifiers
February, 2007 ??Rev. 7
MUR4100E ONSEMI-MUR4100E Datasheet
107Kb / 6P
   SWITCHMODE Power Rectifiers
February, 2008 - Rev. 8
logo
Digitron Semiconductors
MUR4100E DIGITRON-MUR4100E Datasheet
146Kb / 3P
   4A SCHOTTKY RECTIFIER
More results

Similar Description - MUR4100E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR490E MOTOROLA-MUR490E Datasheet
120Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 900-1000 VOLTS
MUR190E MOTOROLA-MUR190E Datasheet
123Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 900-1000 VOLTS
logo
Taiwan Semiconductor Co...
MUR420 TSC-MUR420_10 Datasheet
577Kb / 2P
   4.0 AMPS. Ultrafast Glass Passivated Rectifiers
MUR420 TSC-MUR420 Datasheet
67Kb / 2P
   4.0 AMPS. Ultrafast Glass Passivated Rectifiers
MUR420 TSC-MUR420_1 Datasheet
250Kb / 2P
   4.0 AMPS. Ultrafast Glass Passivated Rectifiers
logo
Motorola, Inc
MUR420 MOTOROLA-MUR420 Datasheet
100Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
logo
Kingtronics Internation...
KBL4005-KBL410 KINGTRONICS-KBL4005-KBL410 Datasheet
387Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410 Datasheet
523Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
D4UB05-THRU-D4UB100 KINGTRONICS-D4UB05-THRU-D4UB100_15 Datasheet
470Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
logo
Taiwan Semiconductor Co...
S4A TSC-S4A_10 Datasheet
457Kb / 2P
   4.0 AMPS. Surface Mount Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com