Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR460RL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MUR460RL
Description  SWITCHMODE TM Power Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR460RL Datasheet(HTML) 1 Page - ON Semiconductor

  MUR460RL Datasheet HTML 1Page - ON Semiconductor MUR460RL Datasheet HTML 2Page - ON Semiconductor MUR460RL Datasheet HTML 3Page - ON Semiconductor MUR460RL Datasheet HTML 4Page - ON Semiconductor MUR460RL Datasheet HTML 5Page - ON Semiconductor MUR460RL Datasheet HTML 6Page - ON Semiconductor MUR460RL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 11
1
Publication Order Number:
MUR420/D
MUR405, MUR410, MUR415,
MUR420, MUR440, MUR460
MUR420 and MUR460 are Preferred Devices
SWITCHMODEt
Power Rectifiers
These state−of−the−art devices are a series designed for use in
switching power supplies, inverters and as free wheeling diodes.
Features
Ultrafast 25 ns, 50 ns and 75 ns Recovery Times
175°C Operating Junction Temperature
Low Forward Voltage
Low Leakage Current
High Temperature Glass Passivated Junction
Reverse Voltage to 600 V
Shipped in Plastic Bags, 500 per Bag
Available in Tape and Reel, 1500 per Reel, by Adding a “RL’’ Suffix
to the Part Number
Pb−Free Packages are Available*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.1 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and
Terminal Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Cathode indicated by Polarity Band
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
AXIAL LEAD
CASE 267
STYLE 1
ULTRAFAST RECTIFIERS
4.0 AMPERES, 50−600 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
A
= Assembly Location
MUR4xx = Device Number
x = 05, 10, 15, 20, 40, 60
YY
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
A
MUR
4xx
YYWW
G
G
(Note: Microdot may be in either location)


Similar Part No. - MUR460RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR460RLG ONSEMI-MUR460RLG Datasheet
118Kb / 8P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 15
More results

Similar Description - MUR460RL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR480E ONSEMI-MUR480E_07 Datasheet
88Kb / 6P
   SWITCHMODE TM Power Rectifiers
February, 2007 ??Rev. 7
BYW80 ONSEMI-BYW80 Datasheet
59Kb / 4P
   SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 2
BYW29 ONSEMI-BYW29 Datasheet
56Kb / 4P
   SWITCHMODE TM Power Rectifiers
August, 2005 ??Rev. 1
MUR210 ONSEMI-MUR210_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
February, 2006 ??Rev. 1
MUR240 ONSEMI-MUR240_06 Datasheet
55Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 6
MBR4015CTL ONSEMI-MBR4015CTL Datasheet
49Kb / 4P
   SWITCHMODE TM Power Rectifier
September, 2005 ??Rev. 4
BYV32-200 ONSEMI-BYV32-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 2
MUR260 ONSEMI-MUR260_06 Datasheet
58Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 4
BYW51-200 ONSEMI-BYW51-200 Datasheet
54Kb / 5P
   SWITCHMODE TM Power Rectifier
August, 2006 ??Rev. 3
MUR220 ONSEMI-MUR220_06 Datasheet
58Kb / 5P
   SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com