Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUN5232DW1T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUN5232DW1T1
Description  Dual Bias Resistor Transistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN5232DW1T1 Datasheet(HTML) 4 Page - ON Semiconductor

  MUN5232DW1T1 Datasheet HTML 1Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 2Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 3Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 4Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 5Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 6Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 7Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 8Page - ON Semiconductor MUN5232DW1T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MUN5211DW1T1 Series
http://onsemi.com
4
Collector-Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
MUN5211DW1T1, G
MUN5212DW1T1, G
MUN5213DW1T1, G
MUN5214DW1T1, G
MUN5235DW1T1, G
MUN5236DW1T1, G
(IC = 10 mA, IB = 5 mA)
MUN5230DW1T1, G
MUN5231DW1T1, G
MUN5237DW1T1, G
(IC = 10 mA, IB = 1 mA)
MUN5215DW1T1, G
MUN5216DW1T1, G
MUN5232DW1T1, G
MUN5233DW1T1, G
MUN5234DW1T1, G
VCE(sat)
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
MUN5211DW1T1, G
MUN5212DW1T1, G
MUN5214DW1T1, G
MUN5215DW1T1, G
MUN5216DW1T1, G
MUN5230DW1T1, G
MUN5231DW1T1, G
MUN5232DW1T1, G
MUN5233DW1T1, G
MUN5234DW1T1, G
MUN5235DW1T1, G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
MUN5213DW1T1, G
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
MUN5236DW1T1, G
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
MUN5237DW1T1, G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
4. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%


Similar Part No. - MUN5232DW1T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5232DW1T1 MOTOROLA-MUN5232DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
logo
ON Semiconductor
MUN5232DW1T1 ONSEMI-MUN5232DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
Leshan Radio Company
MUN5232DW1T1 LRC-MUN5232DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5232DW1T1 ONSEMI-MUN5232DW1T1 Datasheet
151Kb / 20P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
logo
E-Tech Electronics LTD
MUN5232DW1T1 ETL-MUN5232DW1T1 Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
More results

Similar Description - MUN5232DW1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com