Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR180E Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUR180E
Description  SWITCHMODE Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR180E Datasheet(HTML) 3 Page - ON Semiconductor

  MUR180E Datasheet HTML 1Page - ON Semiconductor MUR180E Datasheet HTML 2Page - ON Semiconductor MUR180E Datasheet HTML 3Page - ON Semiconductor MUR180E Datasheet HTML 4Page - ON Semiconductor MUR180E Datasheet HTML 5Page - ON Semiconductor MUR180E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MUR180E, MUR1100E
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.3
0.9
0.5
1.3
3.0
0.01
0.03
0.02
0.2
0.1
20
2.0
0.7
0.3
0.05
0.5
5.0
2.3
VR, REVERSE VOLTAGE (VOLTS)
0
300
200
500
600
1000
0.1
0.01
10
100
TJ = 175°C
100
400
1000
Figure 2. Typical Reverse Current*
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0
1.0
2.0
3.0
4.0
5.0
0
0.5
1.0
1.5
2.0
2.5
TA, AMBIENT TEMPERATURE (°C)
050
0
2.0
1.0
3.0
5.0
4.0
250
Figure 3. Current Derating
(Mounting Method #3 Per Note 3)
Figure 4. Power Dissipation
0
3.0
10
20
2.0
10
20
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Typical Capacitance
0.7
0.07
1.0
7.0
1.7
2.1
100
°C
TJ = 175°C
25
°C
800
900
700
1.0
100
°C
25
°C
150
100
200
* The curves shown are typical for the highest voltage device in the
grouping. Typical reverse current for lower voltage selections can be
estimated from these same curves if VR is sufficiently below rated VR.
TJ = 25°C
30
40
50
7.0
5.0
TJ = 175°C
RATED VR
RqJA = 50°C/W
dc
SQUARE WAVE
(CAPACITIVE LOAD)
I
PK
I
AV
+ 20
SQUARE WAVE
dc
5.0
10
1.1
1.5
1.9
10


Similar Part No. - MUR180E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR180E ONSEMI-MUR180E Datasheet
82Kb / 8P
   SWITCHMODE Power Rectifiers
August, 2002 ??Rev. 1
logo
Digitron Semiconductors
MUR180E DIGITRON-MUR180E Datasheet
177Kb / 3P
   1A SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
MUR180E NJSEMI-MUR180E Datasheet
80Kb / 2P
   SWITCHMODE Power Rectifiers
logo
ON Semiconductor
MUR180E ONSEMI-MUR180E Datasheet
131Kb / 6P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 4
MUR180ERL ONSEMI-MUR180ERL Datasheet
82Kb / 8P
   SWITCHMODE Power Rectifiers
August, 2002 ??Rev. 1
More results

Similar Description - MUR180E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com