Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2TPMI337L5.5GXXOCC Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # A2TPMI337L5.5GXXOCC
Description  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI337L5.5GXXOCC Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  A2TPMI337L5.5GXXOCC Datasheet HTML 1Page - PerkinElmer Optoelectronics A2TPMI337L5.5GXXOCC Datasheet HTML 2Page - PerkinElmer Optoelectronics A2TPMI337L5.5GXXOCC Datasheet HTML 3Page - PerkinElmer Optoelectronics A2TPMI337L5.5GXXOCC Datasheet HTML 4Page - PerkinElmer Optoelectronics A2TPMI337L5.5GXXOCC Datasheet HTML 5Page - PerkinElmer Optoelectronics A2TPMI337L5.5GXXOCC Datasheet HTML 6Page - PerkinElmer Optoelectronics A2TPMI337L5.5GXXOCC Datasheet HTML 7Page - PerkinElmer Optoelectronics A2TPMI337L5.5GXXOCC Datasheet HTML 8Page - PerkinElmer Optoelectronics A2TPMI337L5.5GXXOCC Datasheet HTML 9Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 1 of 21
Rev. Oct 2003
Thermopile with integrated signal processing circuit
FEATURES
·
Smart thermopile sensor with integrated
signal processing.
·
Can be adapted to your specific meas-
urement task.
·
Integrated, calibrated ambient tempera-
ture sensor.
·
Output signal ambient temperature com-
pensated.
·
Fast reaction time.
·
Different optics and IR filters available.
·
Digital serial interface for calibration and
adjustment purposes.
·
Analog frontend/backend, digital signal
processing.
·
E
2PROM for configuration and data stor-
age.
·
Configurable comparator with high/low
signal for remote temperature threshold
control.
·
TO 39 6 pin housing.
APPLICATIONS
·
Miniature remote non contact temperature
measurement (pyrometer).
·
Temperature dependent switch for alarm or
thermostatic applications
·
Residential, commercial, automotive, and in-
dustrial climate control.
·
Household appliances featuring a remote tem-
perature control like microwave oven, toaster,
hair dryer.
·
Temperature control in laser printers and copi-
ers.
·
Automotive climate control.
FUNCTIONAL DIAGRAM
TP:
Thermopile
VTobj :
Output voltage object temperature
PTAT:
Temperature Sensor
VTamb :
Output voltage ambient temperature
VRef
:
1.225 V reference voltage
Switch C
Switch D
Control Unit
PTAT
Signal-
processor
TP
Vref
+
+
-
Offset correction
VTamb / VRef
VTobj
Serial Interface
(SCLK, SDAT)
V1
Switch A
Switch B
V2
Comp 1
Comp 2


Similar Part No. - A2TPMI337L5.5GXXOCC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

Similar Description - A2TPMI337L5.5GXXOCC

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com