Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2TPMI337L10.6GXXOCC Datasheet(PDF) 4 Page - PerkinElmer Optoelectronics

Part # A2TPMI337L10.6GXXOCC
Description  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI337L10.6GXXOCC Datasheet(HTML) 4 Page - PerkinElmer Optoelectronics

  A2TPMI337L10.6GXXOCC Datasheet HTML 1Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOCC Datasheet HTML 2Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOCC Datasheet HTML 3Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOCC Datasheet HTML 4Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOCC Datasheet HTML 5Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOCC Datasheet HTML 6Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOCC Datasheet HTML 7Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOCC Datasheet HTML 8Page - PerkinElmer Optoelectronics A2TPMI337L10.6GXXOCC Datasheet HTML 9Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 4 of 21
Rev. Oct 2003
Examples:
·
A2TPMI 334-L5.5 OAA 100 and A2TPMI 334-L5.5 OAA 300
are standard configurations of the PerkinElmer TPS 334 sensor with integrated A2TPMI ASIC and
lens optics with 7° field of view adapted to an object temperature range –20…+100°C and
-20…300°C, respectively.
·
A2TPMI 334 OAA 140 P1L1 MLG12 J4T
features the PerkinElmer TPS 334 sensor with integrated A2TPMI ASIC on a standard pcb (P1).
An RC circuit serves as a low pass filter to block the chopper frequency. The optics is the standard
left looking mirror with attached protection filter. A 4 pin JST connector with top entry is used. The
object temperature range is set to –20…100°C. Typical module for microwave oven application.)
·
A2TPMI 334 OAA 60
features the PerkinElmer TPS 334 sensor with integrated A2TPMI ASIC. No additional optics – the
sensor looks with full field of view into the surrounding. The temperature range is –10…60°C. (This
is a typical module for air conditioner application.)
·
A2TPMI 334 L5.5 OAA 250 P3L2 J6S
features the PerkinElmer TPS 334-L5.5 sensor with integrated A2TPMI ASIC and build-in 5.5 mm
lens on a miniature pcb. It has an additional 2
nd order low pass filter with operation amplifier to
block the chopper frequency. The connector is a 6 pin side entry connector and the temperature
range is –20…250°C. This is a high performance module for industrial applications. The 6 pin con-
nector gives access to the serial interface of the module.
·
For data visualization and for configuration changes a versatile application kit with PC software is
available. Please ask for details.
Labeling
Sensor:
SSSS
Last four digits of the device part number
XYY
X = Last digit of the calendar year, YY = Week of the calendar year
HHH
Serial number of the production lot
AA
Calibration encoding
Example:
PCB Version:
Sensors assembled on a PCB are labeled with a sticker having a letter and a serial number printed on.
The letter describes the manufacturing site as follows:
H
Production parts made in Germany
B
Production parts made in Indonesia
E
Engineering samples
SSSS
XYYHHH
AA
XYYHHH
A
A


Similar Part No. - A2TPMI337L10.6GXXOCC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

Similar Description - A2TPMI337L10.6GXXOCC

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com