Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1620CTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUR1620CTG
Description  ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR1620CTG Datasheet(HTML) 2 Page - ON Semiconductor

  MUR1620CTG Datasheet HTML 1Page - ON Semiconductor MUR1620CTG Datasheet HTML 2Page - ON Semiconductor MUR1620CTG Datasheet HTML 3Page - ON Semiconductor MUR1620CTG Datasheet HTML 4Page - ON Semiconductor MUR1620CTG Datasheet HTML 5Page - ON Semiconductor MUR1620CTG Datasheet HTML 6Page - ON Semiconductor MUR1620CTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MUR1610CT, MUR1615CT, MUR1620CT, MUR1640CT, MUR1660CT
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MUR16
Unit
10CT
15CT
20CT
40CT
60CT
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
200
400
600
V
Average Rectified Forward Current
Per Leg
Total Device, (Rated VR), TC = 150°C
Total Device
IF(AV)
8.0
16
A
Peak Rectified Forward Current
Per Diode Leg
(Rated VR, Square Wave, 20 kHz), TC = 150°C
IFM
16
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
100
A
Operating Junction Temperature and Storage Temperature
TJ, Tstg
*65 to +175
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS (Per Diode Leg)
Parameter
Symbol
Value
Unit
Maximum Thermal Resistance, Junction−to−Case
RqJC
3.0
2.0
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Characteristic
Symbol
1620
1640
1660
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 8.0 A, TC = 150°C)
(iF = 8.0 A, TC = 25°C)
vF
0.895
0.975
1.00
1.30
1.20
1.50
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TC = 150°C)
(Rated DC Voltage, TC = 25°C)
iR
250
5.0
500
10
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 A/ms)
(IF = 0.5 A, IR = 1.0 A, IREC = 0.25 A)
trr
35
25
60
50
ns
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%


Similar Part No. - MUR1620CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTG ONSEMI-MUR1620CTG Datasheet
91Kb / 7P
   Switch Mode Power Rectifiers
January, 2015 ??Rev. 8
logo
Thinki Semiconductor Co...
MUR1620CTG THINKISEMI-MUR1620CTG Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
MUR1620CTG THINKISEMI-MUR1620CTG Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
MUR1620CTG THINKISEMI-MUR1620CTG_V01 Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - MUR1620CTG

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Kersemi Electronic Co.,...
MUR1560G KERSEMI-MUR1560G Datasheet
431Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com