Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURS205T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MURS205T3
Description  ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURS205T3 Datasheet(HTML) 3 Page - ON Semiconductor

  MURS205T3_06 Datasheet HTML 1Page - ON Semiconductor MURS205T3_06 Datasheet HTML 2Page - ON Semiconductor MURS205T3_06 Datasheet HTML 3Page - ON Semiconductor MURS205T3_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MURS205T3, MURS210T3
http://onsemi.com
3
VR, REVERSE VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
* The curves shown are typical for the highest voltage
device in the voltage grouping. Typical reverse current
for lower voltage selections can be estimated from these
same curves if applied VR is sufficiently below rated VR.
Figure 3. Typical Reverse Current*
Figure 4. Maximum Reverse Current*
0
100
10
1
0.1
80
60
40
0.01
20
100
0
100
10
1
0.1
80
60
40
0.01
20
100
TJ = 25°C
TJ = 175°C
TJ = 100°C
TJ = 25°C
TJ = 175°C
TJ = 100°C
40
35
20
5
0
15
10
25
30
45
50
3
2.5
1
0
0.5
1.5
2
3.5
4
8
7
4
1
0
3
2
5
6
9
10
0
40
35
20
5
32
24
16
0
840
TC, CASE TEMPERATURE (°C)
VR, REVERSE VOLTAGE (VOLTS)
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
RATED VOLTAGE APPLIED
RqJC = 13°C/W
TJ = 175°C
dc
VR, REVERSE VOLTAGE (VOLTS)
Figure 5. Typical Capacitance
Figure 6. Maximum Capacitance
Figure 7. Current Derating, Case
Figure 8. Power Dissipation
15
10
25
30
45
50
412
20
2836
0
32
24
16
840
412
20
2836
80
160
140
120
100
180
90
110
130
150
170
0
2
1.5
1
0.5
2.5
NOTE: TYPICAL
CAPACITANCE AT
0 V = 44 V
NOTE: MAXIMUM
CAPACITANCE AT
0 V = 47 V
TJ = 175°C
SQUARE WAVE
dc
SQUARE WAVE


Similar Part No. - MURS205T3_06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
MURS205T3G TAYCHIPST-MURS205T3G Datasheet
1Mb / 3P
   SURFACE MOUNT ULTRAFAST POWER RECTIFIERS
logo
ON Semiconductor
MURS205T3G ONSEMI-MURS205T3G Datasheet
128Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 2
MURS205T3G ONSEMI-MURS205T3G_12 Datasheet
128Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 2
More results

Similar Description - MURS205T3_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR3040PT KERSEMI-MUR3040PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com