Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURS110T3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MURS110T3G
Description  ULTRAFAST RECTIFIERS 1.0 AMPERE, 50??00 VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURS110T3G Datasheet(HTML) 4 Page - ON Semiconductor

  MURS110T3G Datasheet HTML 1Page - ON Semiconductor MURS110T3G Datasheet HTML 2Page - ON Semiconductor MURS110T3G Datasheet HTML 3Page - ON Semiconductor MURS110T3G Datasheet HTML 4Page - ON Semiconductor MURS110T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MURS120T3 Series
http://onsemi.com
4
MURS140T3, MURS160T3
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.3
0.9
0.5
1.3
3.0
0.01
0.03
0.02
0.2
0.1
10
2.0
0.7
1.1
0.3
0.05
0.5
5.0
1.5
2.3
VR, REVERSE VOLTAGE (VOLTS)
0
100
300
400
40
80
0.008
0.004
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
200
700
Figure 7. Typical Reverse Current*
TC, CASE TEMPERATURE (°C)
020
1.0
2.0
3.0
4.0
5.0
0
6.0
7.0
8.0
9.0
10
40
60
80
100
120
140
160
180
200
VR, REVERSE VOLTAGE (VOLTS)
012
8.0
0
5.0
10
25
15
4.0
40
Figure 8. Typical Capacitance
Figure 9. Current Derating, Case
0
0.5
1.0
2.0
3.0
4.0
5.0
0
1.0
1.5
2.0
2.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 10. Power Dissipation
0.7
0.07
1.0
7.0
1.7
1.9
2.1
100
°C
TC = 25°C
175
°C
600
500
0.08
0.04
0.02
TJ = 100°C
TJ = 25°C
24
20
16
36
32
28
20
NOTE: TYPICAL
CAPACITANCE AT
0 V = 24 pF
*The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selections
can be estimated from these same curves if applied VR is sufficiently
below rated VR.
RATED VOLTAGE APPLIED
RqJC = 13°C/W
TJ = 175°C
SQUARE WAVE
DC
TJ = 175°C
DC
SQUARE WAVE
10
5.0
400
200
(CAPACITANCE LOAD)
I
PK
I
AV
+ 20


Similar Part No. - MURS110T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURS110T3G ONSEMI-MURS110T3G Datasheet
114Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
July, 2010 ??Rev. 9
MURS110T3G ONSEMI-MURS110T3G Datasheet
117Kb / 6P
   Surface Mount Ultrafast Power Rectifiers
May, 2013 ??Rev. 12
MURS110T3G ONSEMI-MURS110T3G Datasheet
68Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 13
MURS110T3G ONSEMI-MURS110T3G Datasheet
195Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
More results

Similar Description - MURS110T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA115T3 ONSEMI-MURA115T3_06 Datasheet
49Kb / 4P
   ULTRAFAST RECTIFIERS 1 AMPERE, 100??00 VOLTS
February, 2006 ??Rev. 5
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
MURA205T3 ONSEMI-MURA205T3_06 Datasheet
49Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 3
MURS205T3 ONSEMI-MURS205T3_06 Datasheet
48Kb / 4P
   ULTRAFAST RECTIFIERS 2 AMPERES, 50??00 VOLTS
February, 2006 ??Rev. 1
MURF860G ONSEMI-MURF860G Datasheet
142Kb / 8P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
May, 2013 ??Rev. 11
logo
Yea Shin Technology Co....
SF11G YEASHIN-SF11G Datasheet
56Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 1.0 Ampere
logo
Motorola, Inc
MUR190E MOTOROLA-MUR190E Datasheet
123Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 900-1000 VOLTS
MURS120T3 MOTOROLA-MURS120T3 Datasheet
112Kb / 4P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-600 VOLTS
MUR120 MOTOROLA-MUR120 Datasheet
115Kb / 6P
   ULTRAFAST RECTIFIERS 1.0 AMPERE 200-400-600 VOLTS
1N4933 MOTOROLA-1N4933 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com