Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4L339 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB4L339
Description  2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator / Divider / Fan?뭀ut Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L339 Datasheet(HTML) 3 Page - ON Semiconductor

  NB4L339_07 Datasheet HTML 1Page - ON Semiconductor NB4L339_07 Datasheet HTML 2Page - ON Semiconductor NB4L339_07 Datasheet HTML 3Page - ON Semiconductor NB4L339_07 Datasheet HTML 4Page - ON Semiconductor NB4L339_07 Datasheet HTML 5Page - ON Semiconductor NB4L339_07 Datasheet HTML 6Page - ON Semiconductor NB4L339_07 Datasheet HTML 7Page - ON Semiconductor NB4L339_07 Datasheet HTML 8Page - ON Semiconductor NB4L339_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NB4L339
http://onsemi.com
3
Table 4. Pin Description
Pin
Name
I/O
Description
1, 8, EP
VEE
Negative Supply Voltage
2
CLKA
LVPECL, CML,
LVDS Input
Non−inverted differential input (A). (Note 1)
3
VTA
Internal 100−W center−tapped termination pin for CLKA and CLKA (Note 1).
4
CLKA
LVPECL, CML,
LVDS Input
Inverted differential input (A). (Note 1)
5
CLKB
LVPECL, CML,
LVDS Input
Non−inverted differential input (B). (Note 1)
6
VTB
Internal 100−W center−tapped termination pin for CLKB and CLKB. (Note 1)
7
CLKB
LVPECL, CML,
LVDS Input
Inverted differential input (B). (Note 1)
9, 16,
25, 32
VCC
Positive Supply Voltage
10
CLKSEL
LVCMOS/LVTTL
Asynchronous Clock input select pin. This pin defaults LOW when left open with 80 kW
resistor to VEE.
11
QD1
LVPECL Output
Inverted differential (D1) output. Typically terminated with 50 W resistor to VCC – 2 V
12
QD1
LVPECL Output
Non−inverted Differential (D1) Output. Typically terminated with 50 W resistor to VCC – 2 V.
13
QD0
LVPECL Output
Inverted differential (D0) output. Typically terminated with 50 W resistor to VCC – 2 V.
14
QD0
LVPECL Output
Non−inverted Differential (D0) Output. Typically terminated with 50 W resistor to VCC – 2 V.
15
EN
LVCMOS/LVTTL
Synchronous Output Enable/Disable pin. This pin defaults LOW when left open with 80 kW
resistor to VEE.
17
QC1
LVPECL Output
Inverted differential (C1) output. Typically terminated with 50 W resistor to VCC – 2 V.
18
QC1
LVPECL Output
Non−inverted Differential (C1) Output. Typically terminated with 50 W resistor to VCC – 2 V.
19
QC0
LVPECL Output
Inverted differential (C0) output. Typically terminated with 50 W resistor to VCC – 2 V.
20
QC0
LVPECL Output
Non−inverted Differential (C0) Output. Typically terminated with 50 W resistor to VCC – 2 V.
21
QB1
LVPECL Output
Inverted differential (B1) output. Typically terminated with 50 W resistor to VCC – 2 V.
22
QB1
LVPECL Output
Non−inverted Differential (B1) Output. Typically terminated with 50 W resistor to VCC – 2 V.
23
QB0
LVPECL Output
Inverted differential (B0) output. Typically terminated with 50 W resistor to VCC – 2 V.
24
QB0
LVPECL Output
Non−inverted Differential (B0) Output. Typically terminated with 50 W resistor to VCC – 2 V.
26
MR
LVCMOS/LVTTL
Master Reset Asynchronous. This pin defaults HIGH when left open with 80 kW resistor to
VCC.
27
QA1
LVPECL Output
Inverted differential (A1) output. Typically terminated with 50 W resistor to VCC – 2 V.
28
QA1
LVPECL Output
Non−inverted Differential (A1) Output. Typically terminated with 50 W resistor to VCC – 2 V.
29
QA0
LVPECL Output
Inverted differential (A0) output. Typically terminated with 50 W resistor to VCC – 2 V.
30
QA0
LVPECL Output
Non−inverted Differential (A0) Output. Typically terminated with 50 W resistor to VCC – 2 V.
31
DIVSEL
LVCMOS/LVTTL
Asynchronous Divide Select Pin selects A divide block outputs to divide by 1 or divide by 2.
Defaults LOW when left open, divide−by−1, with 80 kW resistor to VEE.
EP
Exposed Pad. The exposed pad (EP) on package bottom (see case drawing) is thermally
connected to the die for improved heat transfer out of package and must be attached to a
heat−sinking conduit. The pad is electrically connected to VEE and must be connected to
VEE on the PC board.
1. In the differential configuration when the input termination pin (VTx / VTx) are connected to a common termination voltage or left open, and
if no signal is applied on CLKx / CLKx input then the device will be susceptible to self−oscillation.


Similar Part No. - NB4L339_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L339MNG ONSEMI-NB4L339MNG Datasheet
144Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
September, 2012 ??Rev. 3
NB4L339MNR4G ONSEMI-NB4L339MNR4G Datasheet
144Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
September, 2012 ??Rev. 3
NB4L339 ONSEMI-NB4L339_12 Datasheet
144Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
September, 2012 ??Rev. 3
More results

Similar Description - NB4L339_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L339 ONSEMI-NB4L339_12 Datasheet
144Kb / 12P
   2.5 V / 3.3 V Differential 2:1 Clock IN to Differential LVPECL Clock Generator
September, 2012 ??Rev. 3
logo
Integrated Device Techn...
8T73S208B-01 IDT-8T73S208B-01 Datasheet
508Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208 RENESAS-8T73S208 Datasheet
837Kb / 23P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
June 15, 2016
8T73S208B-01 RENESAS-8T73S208B-01 Datasheet
590Kb / 19P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
April 8, 2020
logo
Integrated Device Techn...
8T73S208 IDT-8T73S208_16 Datasheet
532Kb / 22P
   2.5 V, 3.3 V Differential LVPECL Clock Divider and Fanout Buffer
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
logo
Renesas Technology Corp
87321I RENESAS-87321I Datasheet
521Kb / 19P
   ÷1, ÷2 Differential-TO-LVPECL Clock Generator
January 25, 2016
logo
Motorola, Inc
MC100ES6226 MOTOROLA-MC100ES6226 Datasheet
282Kb / 12P
   2.5/3.3V Differential LVPECL 1:9 Clock Distribution Buffer and Clock Divider
logo
ON Semiconductor
NB6L11 ONSEMI-NB6L11_06 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NBXSBA024 ONSEMI-NBXSBA024_11 Datasheet
118Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com