Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB4N441 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB4N441
Description  3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N441 Datasheet(HTML) 5 Page - ON Semiconductor

  NB4N441 Datasheet HTML 1Page - ON Semiconductor NB4N441 Datasheet HTML 2Page - ON Semiconductor NB4N441 Datasheet HTML 3Page - ON Semiconductor NB4N441 Datasheet HTML 4Page - ON Semiconductor NB4N441 Datasheet HTML 5Page - ON Semiconductor NB4N441 Datasheet HTML 6Page - ON Semiconductor NB4N441 Datasheet HTML 7Page - ON Semiconductor NB4N441 Datasheet HTML 8Page - ON Semiconductor NB4N441 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NB4N441
http://onsemi.com
5
Table 4. ATTRIBUTES
Characteristics
Value
Internal Input Pullup Resistor
37.5k
W
Internal Input Pulldown Resistor
75k
W
ESD Protection
Human Body Model
Machine Model
> 1000 V
> 150 V
Moisture Sensitivity (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
2102
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 5. MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
GND = 0 V
3.6
V
VI
Input Voltage
GND = 0 V
GND = VI = VCC
3.6
V
Iout
LVPECL Output Current
Continuous Surge
50
100
mA
mA
TA
Operating Temperature Range
QFN−24
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient) (Note 3)
0 lfpm
500 lfpm
QFN−24
QFN−24
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P (Note 3)
QFN−24
°C/W
Tsol
Wave Solder
< 3 sec @ 260
°C
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Maximum Ratings are those values beyond which device damage may occur.
3. JEDEC standard multilayer board − 2S2P (2 signal, 2 power).


Similar Part No. - NB4N441

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N441 ONSEMI-NB4N441 Datasheet
168Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
June, 2006 ??Rev. 0
NB4N441 ONSEMI-NB4N441 Datasheet
146Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
April, 2011 ??Rev. 2
NB4N441MNG ONSEMI-NB4N441MNG Datasheet
168Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
June, 2006 ??Rev. 0
NB4N441MNG ONSEMI-NB4N441MNG Datasheet
146Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
April, 2011 ??Rev. 2
NB4N441MNR2G ONSEMI-NB4N441MNR2G Datasheet
168Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
June, 2006 ??Rev. 0
More results

Similar Description - NB4N441

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N441 ONSEMI-NB4N441_11 Datasheet
146Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
April, 2011 ??Rev. 2
NB4N441 ONSEMI-NB4N441 Datasheet
168Kb / 12P
   3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
June, 2006 ??Rev. 0
logo
Renesas Technology Corp
84321I RENESAS-84321I Datasheet
466Kb / 19P
   260MHz, Crystal-to-3.3V Differential LVPECL Clock Synthesizer
11/5/15
logo
Integrated Device Techn...
MPC92432 IDT-MPC92432 Datasheet
617Kb / 19P
   1360 MHz Dual Output LVPECL Clock Synthesizer Fully integrated PLL
843S1333D IDT-843S1333D Datasheet
336Kb / 15P
   Crystal-to-3.3V LVPECL Clock Synthesizer
logo
Renesas Technology Corp
843S1333D RENESAS-843S1333D Datasheet
529Kb / 16P
   Crystal-to-3.3V LVPECL Clock Synthesizer
December 2, 2015
logo
Integrated Device Techn...
ICS843S1066 IDT-ICS843S1066 Datasheet
869Kb / 12P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
ICS843S1333 IDT-ICS843S1333 Datasheet
765Kb / 13P
   CRYSTAL-TO-3.3V LVPECL CLOCK SYNTHESIZER
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com