Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L16 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB6L16
Description  2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/ Driver/Translator Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L16 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB6L16 Datasheet HTML 3Page - ON Semiconductor NB6L16 Datasheet HTML 4Page - ON Semiconductor NB6L16 Datasheet HTML 5Page - ON Semiconductor NB6L16 Datasheet HTML 6Page - ON Semiconductor NB6L16 Datasheet HTML 7Page - ON Semiconductor NB6L16 Datasheet HTML 8Page - ON Semiconductor NB6L16 Datasheet HTML 9Page - ON Semiconductor NB6L16 Datasheet HTML 10Page - ON Semiconductor NB6L16 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NB6L16
http://onsemi.com
7
Table 7. AC CHARACTERISTICS VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V (Note 18)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOUTPP
Output Voltage Amplitude
fin < 3 GHz
(See Figures 2 & 3)
fin < 6 GHz
500
270
700
350
500
270
700
350
500
270
700
300
mV
tPLH,
tPHL
Propagation Delay to
Output Differential @ 1 GHz
80
130
180
80
130
180
85
135
185
ps
tSKEW
Duty Cycle Skew (Note 19)
Device−to−Device Skew
3
30
25
60
3
30
25
60
3
30
25
60
ps
tJITTER
RMS Random Clock Jitter
(Note 20)
fin < 6 GHz
Peak−to−Peak Data Dependent JItter
(Note 21)
fin < 6 Gb/s
0.2
2
1
12
0.2
2
1
12
0.2
2
1
12
ps
VINPP
Input Voltage Swing / Sensitivity
(Differential Configuration) (Note 22)
75
700
2500
75
700
2500
75
700
2500
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
30
70
120
30
70
120
30
70
120
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
18. Measured using a 800 mV source, 50% duty cycle clock source. All loading with 50
W to VCC. Input edge rates 40 ps (20% − 80%).
19. See Figure 9 tskew = |tPLH − tPHL| for a nominal 50% differential clock input waveform. Skew is measured between outputs under identical
transitions and conditions @ 1 GHz.
20. Additive RMS jitter with 50% duty cycle clock signal at 6 GHz.
21. Additive Peak−to−Peak data dependent jitter with NRZ PRBS 223−1 data rate at 6 Gb/s.
22. VINPP(max) cannot exceed VCC − VEE. (Applicable only when VCC − VEE < 2500 mV). Input voltage swing is a single−ended measurement
operating in the differential mode.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
12
3
4
5
6
7
8
INPUT CLOCK FREQUENCY (GHz)
Figure 2. Output Voltage Amplitude (VOUTPP)
versus Input Clock Frequency (fIN) and
Temperature at VCC − VEE = 3.3 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1
2
3
4
5
678
INPUT CLOCK FREQUENCY (GHz)
Figure 3. Output Voltage Amplitude (VOUTPP)
versus Input Clock Frequency (fIN) and
Temperature at VCC − VEE = 2.5 V
85
°C
−40
°C
25
°C
−40
°C
25
°C
85
°C


Similar Part No. - NB6L16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L16 ONSEMI-NB6L16 Datasheet
117Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4
NB6L16 ONSEMI-NB6L16 Datasheet
266Kb / 12P
   Multilevel Input to Differential Buffer
August, 2016 ??Rev. 9
NB6L16D ONSEMI-NB6L16D Datasheet
117Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4
NB6L16D ONSEMI-NB6L16D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
NB6L16DG ONSEMI-NB6L16DG Datasheet
117Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4
More results

Similar Description - NB6L16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L16 ONSEMI-NB6L16 Datasheet
117Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4
NB6L11 ONSEMI-NB6L11 Datasheet
114Kb / 12P
   2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
April, 2004 ??Rev. 2
NBSG16M ONSEMI-NBSG16M Datasheet
81Kb / 12P
   2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2004 ??Rev. 3
NB6L11 ONSEMI-NB6L11_06 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com