Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L239MN Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB6L239MN
Description  2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L239MN Datasheet(HTML) 5 Page - ON Semiconductor

  NB6L239MN Datasheet HTML 1Page - ON Semiconductor NB6L239MN Datasheet HTML 2Page - ON Semiconductor NB6L239MN Datasheet HTML 3Page - ON Semiconductor NB6L239MN Datasheet HTML 4Page - ON Semiconductor NB6L239MN Datasheet HTML 5Page - ON Semiconductor NB6L239MN Datasheet HTML 6Page - ON Semiconductor NB6L239MN Datasheet HTML 7Page - ON Semiconductor NB6L239MN Datasheet HTML 8Page - ON Semiconductor NB6L239MN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NB6L239
http://onsemi.com
5
Table 5. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
Internal Input Pullup Resistor
75 k
W
75 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 1500 V
> 150 V
> 1000 V
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Pb Pkg
Pb−Free Pkg
QFN−16
Level 1
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
367
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.
MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Mode Power Supply
VEE = 0 V
3.6
V
VI
Input Voltage
VEE = 0 V
VEE v VI v VCC
3.6
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBBAC Sink/Source Current
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
41.6
35.2
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
4.0
°C/W
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may
affect device reliability.


Similar Part No. - NB6L239MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L239MN ONSEMI-NB6L239MN Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6L239MNEVB ONSEMI-NB6L239MNEVB Datasheet
249Kb / 6P
   NB6L239MNEVB Evaluation Board Users Manual
February, 2012 ??Rev. 1
NB6L239MNG ONSEMI-NB6L239MNG Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
NB6L239MNR2 ONSEMI-NB6L239MNR2 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6L239MNR2G ONSEMI-NB6L239MNR2G Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
More results

Similar Description - NB6L239MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6N239S ONSEMI-NB6N239S Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
logo
Renesas Technology Corp
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
   Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
   ÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
logo
Integrated Circuit Syst...
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
   8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
   8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com