Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6L239MNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB6L239MNG
Description  2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L239MNG Datasheet(HTML) 1 Page - ON Semiconductor

  NB6L239MNG Datasheet HTML 1Page - ON Semiconductor NB6L239MNG Datasheet HTML 2Page - ON Semiconductor NB6L239MNG Datasheet HTML 3Page - ON Semiconductor NB6L239MNG Datasheet HTML 4Page - ON Semiconductor NB6L239MNG Datasheet HTML 5Page - ON Semiconductor NB6L239MNG Datasheet HTML 6Page - ON Semiconductor NB6L239MNG Datasheet HTML 7Page - ON Semiconductor NB6L239MNG Datasheet HTML 8Page - ON Semiconductor NB6L239MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 5
1
Publication Order Number:
NB6L239/D
NB6L239
2.5V / 3.3V Any Differential
Clock IN to Differential
LVPECL OUT ÷1/2/4/8,
÷2/4/8/16 Clock Divider
Description
The NB6L239 is a high−speed, low skew clock divider with two
divider circuits, each having selectable clock divide ratios;
B1/2/4/8
and
B2/4/8/16. Both divider circuits drive a pair of differential
LVPECL outputs. (More device information on page 8). The
NB6L239 is a member of the ECLinPS MAX
™ Family of the high
performance clock products.
Features
Maximum Clock Input Frequency, 3.0 GHz
CLOCK Inputs Compatible with LVDS/LVPECL/CML/HSTL
EN, MR, and SEL Inputs Compatible with LVTTL/LVCMOS
Rise/Fall Time 65 ps Typical
< 10 ps Typical Output−to−Output Skew
Example: 622.08 MHz Input Generates 38.88 MHz to 622.08 MHz
Outputs
Internal 50 W Termination Provided
Random Clock Jitter < 1 ps RMS
QA B1 Edge Aligned to QBBn Edge
Operating Range: VCC = 2.375 V to 3.465 V with VEE = 0 V
Master Reset for Synchronization of Multiple Chips
VBBAC Reference Output
Synchronous Output Enable/Disable
Pb−Free Packages are Available
MARKING DIAGRAM*
http://onsemi.com
QFN−16
MN SUFFIX
CASE 485G
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
1
16
NB6L
239
ALYW
G
G
1


Similar Part No. - NB6L239MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L239MNG ONSEMI-NB6L239MNG Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
More results

Similar Description - NB6L239MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6N239S ONSEMI-NB6N239S Datasheet
175Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
July, 2006 ??Rev. 3
logo
Renesas Technology Corp
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
   Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
   ÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
logo
Integrated Circuit Syst...
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
   8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Renesas Technology Corp
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
   8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com