Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD31 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYD31
Description  Fast soft-recovery controlled avalanche rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD31 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYD31 Datasheet HTML 1Page - NXP Semiconductors BYD31 Datasheet HTML 2Page - NXP Semiconductors BYD31 Datasheet HTML 3Page - NXP Semiconductors BYD31 Datasheet HTML 4Page - NXP Semiconductors BYD31 Datasheet HTML 5Page - NXP Semiconductors BYD31 Datasheet HTML 6Page - NXP Semiconductors BYD31 Datasheet HTML 7Page - NXP Semiconductors BYD31 Datasheet HTML 8Page - NXP Semiconductors BYD31 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1996 Sep 18
4
Not recommended for new designs
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYD31 series
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.11.
For more information please refer to the
“General Part of associated Handbook”.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
180
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
250
K/W


Similar Part No. - BYD31

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYD31D BILIN-BYD31D Datasheet
59Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
BYD31D LUGUANG-BYD31D Datasheet
174Kb / 2P
   Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
BYD31D DSK-BYD31D Datasheet
282Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
BYD31DZ BILIN-BYD31DZ Datasheet
59Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Diode Semiconductor Kor...
BYD31DZ DSK-BYD31DZ Datasheet
282Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - BYD31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com