Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTGS3441PT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTGS3441PT1G
Description  Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3441PT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTGS3441PT1G Datasheet HTML 1Page - ON Semiconductor NTGS3441PT1G Datasheet HTML 2Page - ON Semiconductor NTGS3441PT1G Datasheet HTML 3Page - ON Semiconductor NTGS3441PT1G Datasheet HTML 4Page - ON Semiconductor NTGS3441PT1G Datasheet HTML 5Page - ON Semiconductor NTGS3441PT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTGS3441P
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
0
20
8
16
12
10
6
4
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
8
4
0
2
Figure 1. On−Region Characteristics
1
20
16
3
2
12
8
4
0
45
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
25
0.12
47
0.18
0.06
8
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.5
8.5
0.27
9.5
7.5
6.5
0.24
0.21
0.18
0.15
5.5
0.09
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
1.4
1.2
1
0.8
0.7
50
125
100
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
VGS = −10 V to −4.5 V
−4 V
−3.5 V
−2 V
−2.5 V
−3 V
−1.9 V
0.24
36
TJ = 25°C
TJ = 100°C
TJ = −55°C
ID = −1.5 A
TJ = 25°C
VDS ≥ −10 V
0.30
0.06
75
150
TJ = 25°C
VGS = −2.5 V
VGS = −4.5 V
ID = −1.5 A
VGS = −4.5 V
015
1
20
10
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
100
1000
10
5
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ = 125°C
TJ = 100°C
VGS = 0 V
19
7
5
3
1
0.12
4.5
3.5
2.5
1.5
1.5
1.3
1.1
0.9


Similar Part No. - NTGS3441PT1G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTGS3441PT1G VBSEMI-NTGS3441PT1G Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3441PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
   Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS3447P ONSEMI-NTGS3447P Datasheet
95Kb / 6P
   Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
   Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGD4161P ONSEMI-NTGD4161P_06 Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
   Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
   Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com