Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTGS3455T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTGS3455T1
Description  MOSFET -3.5 Amps, -30 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3455T1 Datasheet(HTML) 4 Page - ON Semiconductor

  NTGS3455T1_07 Datasheet HTML 1Page - ON Semiconductor NTGS3455T1_07 Datasheet HTML 2Page - ON Semiconductor NTGS3455T1_07 Datasheet HTML 3Page - ON Semiconductor NTGS3455T1_07 Datasheet HTML 4Page - ON Semiconductor NTGS3455T1_07 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTGS3455T1
http://onsemi.com
4
1E−04
1E+00
0.01
1E+01
1E−01
1E−02
SQUARE WAVE PULSE DURATION (sec)
0.1
1
1E−03
Duty Cycle = 0.5
1E+02
1E+03
0.2
Single Pulse
0.1
0.05
0.02
0.01
12
4
3
2
1
0
Qg, TOTAL GATE CHARGE (nC)
04
26
12
TJ = 25°C
ID = −3.5 A
QT
Qgs
Qgd
5
8
Figure 7. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Figure 8. Diode Forward Voltage vs. Current
0
10
8
0.8
6
1
0.6
0.4
1.4
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
2
0
0.2
TJ = 150°C
Figure 9. Normalized Thermal Transient Impedance, Junction−to−Ambient
0.01
20
16
12
8
100.00
10.00
1.00
TIME (sec)
4
0
0.10
Figure 10. Single Pulse Power
4
TJ = 25°C
VGS = 0 V
10
6
7
8
9
10
11
1.2


Similar Part No. - NTGS3455T1_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3455T1G ONSEMI-NTGS3455T1G Datasheet
68Kb / 6P
   MOSFET -3.5 Amps, -30 Volts P?묬hannel TSOP??
January, 2004 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTGS3455T1G VBSEMI-NTGS3455T1G Datasheet
439Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3455T1_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3455T1 ONSEMI-NTGS3455T1 Datasheet
68Kb / 6P
   MOSFET -3.5 Amps, -30 Volts P?묬hannel TSOP??
January, 2004 ??Rev. 1
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
   Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
   Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTMS3P03R2 ONSEMI-NTMS3P03R2_06 Datasheet
148Kb / 7P
   Power MOSFET -3.05 Amps, -30 Volts
March, 2006 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
NTMS7N03R2 ONSEMI-NTMS7N03R2_05 Datasheet
98Kb / 10P
   Power MOSFET 7 Amps, 30 Volts
June, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com