Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTHD4401P Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTHD4401P
Description  Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD4401P Datasheet(HTML) 1 Page - ON Semiconductor

  NTHD4401P_05 Datasheet HTML 1Page - ON Semiconductor NTHD4401P_05 Datasheet HTML 2Page - ON Semiconductor NTHD4401P_05 Datasheet HTML 3Page - ON Semiconductor NTHD4401P_05 Datasheet HTML 4Page - ON Semiconductor NTHD4401P_05 Datasheet HTML 5Page - ON Semiconductor NTHD4401P_05 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
November, 2005 − Rev. 4
1
Publication Order Number:
NTHD4401P/D
NTHD4401P
Power MOSFET
−20 V, −3.0 A, Dual P−Channel, ChipFET
t
Features
Low RDS(on) and Fast Switching Speed in a ChipFET Package
Leadless ChipFET Package 40% Smaller Footprint than TSOP−6
ChipFET Package with Excellent Thermal Capabilities where Heat
Transfer is Required
Pb−Free Package is Available
Applications
Charge Control in Battery Chargers
Optimized for Battery and Load Management Applications in
Portable Equipment
MP3 Players, Cell Phones, Digital Cameras, PDAs
Buck and Boost DC−DC Converters
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage
VGS
"12
V
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−2.1
A
TA = 85°C
−1.5
t
v 5 s
TA = 25°C
−3.0
Power Dissipation
(Note 1)
Steady
State
TA = 25°C
PD
1.1
W
TA = 85°C
0.6
t
v 5 s
TA = 25°C
2.1
Pulsed Drain Current
tp = 10
ms
IDM
−9.0
A
Operating Junction and Storage Temperature
TJ, Tstg
−55 to
150
°C
Source Current (Body Diode)
IS
−2.5
A
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS
Rating
Symbol
Value
Unit
Junction−to−Ambient − Steady State (Note 1)
RqJA
110
°C/W
Junction−to−Ambient − t
v 5 s
60
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.27 in sq
[1 oz] including traces).
P−Channel MOSFET
Device
Package
Shipping
ORDERING INFORMATION
NTHD4401PT1
ChipFET
3000/Tape & Reel
http://onsemi.com
S1
G1
D1
P−Channel MOSFET
S2
G2
D2
−20 V
200 m
W @ −2.5 V
130 m
W @ −4.5 V
RDS(on) TYP
−3.0 A
ID MAX
V(BR)DSS
NTHD4401PT1G
ChipFET
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ChipFET
CASE 1206A
STYLE 2
MARKING
DIAGRAM
1
2
3
4
S1
G1
S2
G2
D1
D1
D2
D2
PIN
CONNECTIONS
8
7
6
5
5
6
7
81
2
3
4
C4 = Specific Device Code
M
= Month Code
G
= Pb−Free Package


Similar Part No. - NTHD4401P_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4401PT1 ONSEMI-NTHD4401PT1 Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD4401PT1G ONSEMI-NTHD4401PT1G Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
More results

Similar Description - NTHD4401P_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD5903T1 ONSEMI-NTHD5903T1_05 Datasheet
68Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHD5903T1-D ONSEMI-NTHD5903T1-D Datasheet
69Kb / 8P
   Power MOSFET Dual P-Channel ChipFET
March, 2002 ??Rev. 2
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD2102P ONSEMI-NTHD2102P Datasheet
54Kb / 6P
   Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com