Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLJD4150P Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTLJD4150P
Description  Power MOSFET -30 V, -3.4 A, uCool TM Dual P-Channel,2x2 mm WDFN Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJD4150P Datasheet(HTML) 4 Page - ON Semiconductor

  NTLJD4150P_07 Datasheet HTML 1Page - ON Semiconductor NTLJD4150P_07 Datasheet HTML 2Page - ON Semiconductor NTLJD4150P_07 Datasheet HTML 3Page - ON Semiconductor NTLJD4150P_07 Datasheet HTML 4Page - ON Semiconductor NTLJD4150P_07 Datasheet HTML 5Page - ON Semiconductor NTLJD4150P_07 Datasheet HTML 6Page - ON Semiconductor NTLJD4150P_07 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTLJD4150P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
12
1.0
10
1.4
1.6
1.2
0.8
0.7
1000
0
4.5
2
1
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
1.0
3.0
2.0
Figure 3. On−Resistance versus Drain Current
−ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−50
50
25
0
−25
75
125
100
2
015
10
3
2
4
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
VGS = 0 V
ID = −3.0 A
VGS = −10 V
6
TJ = 100°C
TJ = 125°C
2
0
TJ = 25°C
30
−10V
to
−7V
5
100
4
8
1
4
TJ = 25°C
150
0.1
−2.6 V
TJ = 25°C
VGS = −10 V
TJ = −55°C
0
VGS = −4.5 V
VGS = −10 V
520
25
3
4.0
3
10
3.5
1
3
5
0.1
10
2.5
1.5
0.5
1
3
5
7
9
0.2
0.06
0.20
0.04
0.10
0.08
0.12
0.14
4
1.0
0.16
0.18
TJ = 85°C
TJ = 125°C
56
7
9
8
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.5
1.3
0.9
1.1
1
TJ = 85°C
6
7
8
4
TJ = 85°C
67
8
7.5
6.5
5.5
5
−3.0 V
−3.4 V
−3.8 V
−4.2 V
−4.6 V
−4.8 V
−6 V


Similar Part No. - NTLJD4150P_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJD4114N ONSEMI-NTLJD4114N Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NTLJD4116N ONSEMI-NTLJD4116N Datasheet
85Kb / 7P
   Power MOSFET
May, 2006 ??Rev. 4
NTLJD4116NT1G ONSEMI-NTLJD4116NT1G Datasheet
85Kb / 7P
   Power MOSFET
May, 2006 ??Rev. 4
More results

Similar Description - NTLJD4150P_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS3113P ONSEMI-NTLJS3113P_06 Datasheet
79Kb / 6P
   Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
   Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
   Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
   Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJD2105L ONSEMI-NTLJD2105L Datasheet
100Kb / 6P
   POWER MOSFET 8 V, 4.3 A, uCool High Side Load Switch with Level Shift, 2x2 mm WDFN Package
November, 2006 ??Rev. 0
NTLJF3118N ONSEMI-NTLJF3118N Datasheet
155Kb / 7P
   Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
October, 2006 ??Rev. 0
NTLJD3183CZ ONSEMI-NTLJD3183CZ Datasheet
141Kb / 9P
   Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
December, 2008 ??Rev. 0
NTLJF3117P ONSEMI-NTLJF3117P Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.1 A, P?묬hannel, with 2.0 A Schottky Barrier Diode, 2x2 mm, uCool Package
July, 2006 ??Rev. 2
NVLJD4007NZ ONSEMI-NVLJD4007NZ Datasheet
132Kb / 6P
   30 V, 245 mA, Dual, N?묬hannel, Gate ESD Protection, 2x2 WDFN Package
May, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com