Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLTD7900ZR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTLTD7900ZR2
Description  Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8 TM Leadless
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLTD7900ZR2 Datasheet(HTML) 1 Page - ON Semiconductor

  NTLTD7900ZR2_06 Datasheet HTML 1Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 2Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 3Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 4Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 5Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 6Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 7Page - ON Semiconductor NTLTD7900ZR2_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 6
1
Publication Order Number:
NTLTD7900ZR2/D
NTLTD7900ZR2
Power MOSFET
9 A, 20 V, Logic Level, N−Channel
Micro8] Leadless
EZFETs
™ are an advanced series of Power MOSFETs which
contain monolithic back−to−back Zener diodes. These Zener diodes
provide protection against ESD and unexpected transients. These
miniature surface mount MOSFETs feature ultra low RDS(on) and true
logic level performance. EZFET devices are designed for use in low
voltage, high speed switching applications where power efficiency is
important. Typical applications are DC−DC converters, and power
management in portable and battery powered products such as
computers, printers, cellular and cordless phones.
Features
Pb−Free Package is Available
Applications
Zener Protected Gates Provide Electrostatic Discharge Protection
Designed to Withstand 4000 V Human Body Model
Ultra Low RDS(on) Provides Higher Efficiency and Extends
Battery Life
Logic Level Gate Drive − Can be Driven by Logic ICs
Micro8 Leadless Surface Mount Package − Saves Board Space
IDSS Specified at Elevated Temperature
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
10 Sec
Steady
State
Unit
Drain−to−Source Voltage
VDSS
20
V
Gate−to−Source Voltage
VGS
±12
V
Continuous Drain Current (Note 1)
TA = 25°C
TA = 85°C
ID
9.0
6.4
6.0
4.3
A
Pulsed Drain Current
(tp v 10 ms)
IDM
30
A
Continuous Source−Diode
Conduction (Note 1)
Is
2.9
1.4
A
Total Power Dissipation (Note 1)
TA = 25°C
TA = 85°C
PD
3.2
1.7
1.5
0.79
W
Operating Junction and Storage
Temperature Range
TJ, Tstg
−55 to 150
°C
Thermal Resistance (Note 1)
Junction−to−Ambient
RqJA
38
82
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. When surface mounted to 1″ x1″ FR−4 board.
9 AMPERES
20 VOLTS
RDS(on) = 26 mW
(VGS = 4.5 V, ID = 6.5 A)
RDS(on) = 31 mW
(VGS = 2.5 V, ID = 5.8 A)
Micro8 LEADLESS
CASE 846C
http://onsemi.com
Source 1
Gate 1
Source 2
Gate 2
Drain
Drain
Drain
Drain
(Bottom View)
PIN ASSIGNMENT
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
7900
AYWW
G
1
1
2
3
4
8
7
6
5
DD
2.4 kW
2.4 kW
S2
S1
G2
G1
N−Channel
N−Channel
Drain
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1


Similar Part No. - NTLTD7900ZR2_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLTD7900ZR2G ONSEMI-NTLTD7900ZR2G Datasheet
340Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8??Leadless
October, 2009 -- Rev. 7
More results

Similar Description - NTLTD7900ZR2_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLTD7900ZR2 ONSEMI-NTLTD7900ZR2 Datasheet
340Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8??Leadless
October, 2009 -- Rev. 7
NTLTS3107P ONSEMI-NTLTS3107P_05 Datasheet
138Kb / 5P
   Power MOSFET -20 V, -8.3 A, Single P-Channel,Micro8 Leadless Package
October, 2005 ??Rev. 0
logo
Fairchild Semiconductor
FDN359BN FAIRCHILD-FDN359BN Datasheet
96Kb / 6P
   N-Channel Logic Level PowerTrench TM MOSFET
logo
ON Semiconductor
NTD20N06L ONSEMI-NTD20N06L_V01 Datasheet
272Kb / 9P
   MOSFET - Power, N-Channel, Logic Level, DPAK/IPAK 20 A, 60 V
May, 2019 - Rev. 5
MTP10N10EL ONSEMI-MTP10N10EL Datasheet
107Kb / 8P
   Power MOSFET 10 A, 100 V, Logic Level, N?묬hannel TO??20
March, 2005 ??Rev. 4
logo
NXP Semiconductors
PSMN005 PHILIPS-PSMN005 Datasheet
117Kb / 12P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
PH2625L PHILIPS-PH2625L Datasheet
100Kb / 13P
   N-channel TrenchMOS-TM logic level FET
Rev. 02-24 February 2005
logo
Nexperia B.V. All right...
PSMN005-55B NEXPERIA-PSMN005-55B Datasheet
239Kb / 13P
   N-channel logic level TrenchMOS(TM) transistor
October 1999
logo
NXP Semiconductors
PSMN9R0-30LL NXP-PSMN9R0-30LL Datasheet
176Kb / 13P
   N-channel QFN3333 30 V 9 m廓 logic level MOSFET
Rev. 01-12 February 2010
logo
Nexperia B.V. All right...
PSMN9R0-30LL NEXPERIA-PSMN9R0-30LL Datasheet
483Kb / 16P
   N-channel DFN3333-8 30 V 9 mΩ logic level MOSFET
Rev. 5 - 13 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com