Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLTS3107PR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTLTS3107PR2G
Description  Power MOSFET -20 V, -8.3 A, Single P-Channel,Micro8 Leadless Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLTS3107PR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NTLTS3107PR2G Datasheet HTML 1Page - ON Semiconductor NTLTS3107PR2G Datasheet HTML 2Page - ON Semiconductor NTLTS3107PR2G Datasheet HTML 3Page - ON Semiconductor NTLTS3107PR2G Datasheet HTML 4Page - ON Semiconductor NTLTS3107PR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NTLTS3107P
http://onsemi.com
5
PACKAGE DIMENSIONS
MICRO8 LEADLESS
CASE 846C−01
ISSUE B
A
B
0.15 T
0.15 T
2X
2X
INDEX AREA
8
7
6
5
1
2
3
4
TOP VIEW
P
F
E
L 8X
U 4X
H
DETAIL Z
G 6X
L
8X
D
W
0.05 T
NOTE 4
L1
DETAIL Z
J
T
K
0.10 T
0.08 T
8X
C
AA
AA
SEATING
PLANE
SIDE VIEW
VIEW AA−AA
NOTES:
1. DIMENSIONS AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETER.
3. THE TERMINAL #1 IDENTIFIER AND TERMINAL
NUMBERING CONVENTION SHALL CONFORM TO
JESD 95−1 SPP−012. DETAILS OF TERMINAL #1
IDENTIFIER ARE OPTIONAL, BUT MUST BE
LOCATED WITHIN THE ZONE INDICATED. THE
TERMINAL #1 IDENTIFIER MAY BE EITHER A
MOLD OR MARKED FEATURE.
4. DIMENSION D APPLIES TO METALLIZED
TERMINAL AND IS MEASURED BETWEEN
0.25 MM AND 0.30 MM FROM TERMINAL TIP.
DIMENSION L1 IS THE TERMINAL PULL BACK
FROM PACKAGE EDGE, UP TO 0.1 MM IS
ACCEPTABLE. L1 IS OPTIONAL.
5. DEPOPULATION IS POSSIBLE IN A
SYMMETRICAL FASHION.
6. OPTIONAL SIDE VIEW CAN SHOW LEADS 5 AND
8 REMOVED.
W
Y
DIM
MIN
MAX
MILLIMETERS
A
3.30 BSC
B
3.30 BSC
C
0.85
0.95
D
0.25
0.35
E
1.30
1.50
F
2.55
2.75
G
0.65 BSC
H
0.95
1.15
J
0.25 BSC
K
0.00
0.05
L
0.35
0.45
L1
0.00
0.10
P
1.28
1.38
U
0.20
−−−
W
0.10
Y
T
NOTE 4
8
7
6
5
NOTE 6
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
2.75
1.50
0.33
8X
3.60
1.23
0.65 PITCH
0.58
8X
0.40
1
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NTLTS3107P/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NTLTS3107PR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLTS3107P ONSEMI-NTLTS3107P Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

Similar Description - NTLTS3107PR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLTD7900ZR2 ONSEMI-NTLTD7900ZR2 Datasheet
340Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8??Leadless
October, 2009 -- Rev. 7
NTLTD7900ZR2 ONSEMI-NTLTD7900ZR2_06 Datasheet
177Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8 TM Leadless
March, 2006 ??Rev. 6
NTTS2P02R2 ONSEMI-NTTS2P02R2 Datasheet
98Kb / 8P
   Power MOSFET -2.4 Amps, -20 Volts Single P-Channel Micro8
December, 2000 ??Rev. 4
logo
Will Semiconductor Ltd.
WPM1480 WILLSEMI-WPM1480 Datasheet
507Kb / 6P
   Single P-Channel, -20 V, -1.5 A,Power Mosfet
logo
ON Semiconductor
NTR1P02LT1 ONSEMI-NTR1P02LT1_06 Datasheet
124Kb / 5P
   Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package
May, 2006 ??Rev. 8
NTLJS7D2P02P8Z ONSEMI-NTLJS7D2P02P8Z Datasheet
328Kb / 6P
   MOSFET - Power, Single P-Channel, WDFN6 -20 V
August, 2020-Rev.0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTTD2P02R2 ONSEMI-NTTD2P02R2 Datasheet
235Kb / 8P
   Power MOSFET Dual P?묬hannel Micro8
August, 2006 ??Rev. 1
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com