Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLTS3107PR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLTS3107PR2G
Description  Power MOSFET -20 V, -8.3 A, Single P-Channel,Micro8 Leadless Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLTS3107PR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NTLTS3107PR2G Datasheet HTML 1Page - ON Semiconductor NTLTS3107PR2G Datasheet HTML 2Page - ON Semiconductor NTLTS3107PR2G Datasheet HTML 3Page - ON Semiconductor NTLTS3107PR2G Datasheet HTML 4Page - ON Semiconductor NTLTS3107PR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTLTS3107P
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−20
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
11
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −16 V
TJ = 25°C
−10
mA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = $8.0 V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.45
−1.2
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
3.4
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = −4.5 V, ID = −8.0 A
12.2
16
mW
VGS = −2.5 V, ID = −7.0 A
15.6
21
VGS = −1.8 V, ID = −5.8 A
26.2
Forward Transconductance
gFS
VDS = −5 V, ID = −8.0 A
25
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz,
VDS = −16 V
4645
6500
pF
Output Capacitance
COSS
465
650
Reverse Transfer Capacitance
CRSS
285
400
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −16 V,
ID = −8.0 A
40
60
nC
Threshold Gate Charge
QG(TH)
3.0
Gate−to−Source Gate Charge
QGS
7.0
Gate−to−Drain “Miller” Charge
QGD
11
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(on)
VGS = −4.5 V, VDS = −10 V,
ID = −8.0 A, RG = 3.0 W
30
ns
Rise Time
tr
20
Turn−Off Delay Time
td(off)
250
Fall Time
tf
80
DRAIN−SOURCE DIODE CHARACTERISTICS (Note 3)
Forward Diode Voltage
VSD
VGS = 0 V,
IS = −1.6 A
TJ = 25°C
−0.7
−1.2
V
TJ = 125°C
0.5
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = −1.6 A
75
100
ns
Charge Time
ta
28
Discharge Time
tb
47
Reverse Recovery Charge
QRR
81.5
nC
3. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTLTS3107PR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLTS3107P ONSEMI-NTLTS3107P Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

Similar Description - NTLTS3107PR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLTD7900ZR2 ONSEMI-NTLTD7900ZR2 Datasheet
340Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8??Leadless
October, 2009 -- Rev. 7
NTLTD7900ZR2 ONSEMI-NTLTD7900ZR2_06 Datasheet
177Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8 TM Leadless
March, 2006 ??Rev. 6
NTTS2P02R2 ONSEMI-NTTS2P02R2 Datasheet
98Kb / 8P
   Power MOSFET -2.4 Amps, -20 Volts Single P-Channel Micro8
December, 2000 ??Rev. 4
logo
Will Semiconductor Ltd.
WPM1480 WILLSEMI-WPM1480 Datasheet
507Kb / 6P
   Single P-Channel, -20 V, -1.5 A,Power Mosfet
logo
ON Semiconductor
NTR1P02LT1 ONSEMI-NTR1P02LT1_06 Datasheet
124Kb / 5P
   Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package
May, 2006 ??Rev. 8
NTLJS7D2P02P8Z ONSEMI-NTLJS7D2P02P8Z Datasheet
328Kb / 6P
   MOSFET - Power, Single P-Channel, WDFN6 -20 V
August, 2020-Rev.0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTTD2P02R2 ONSEMI-NTTD2P02R2 Datasheet
235Kb / 8P
   Power MOSFET Dual P?묬hannel Micro8
August, 2006 ??Rev. 1
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com