Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD33 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYD33
Description  Fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYD33 Datasheet(HTML) 2 Page - NXP Semiconductors

  BYD33 Datasheet HTML 1Page - NXP Semiconductors BYD33 Datasheet HTML 2Page - NXP Semiconductors BYD33 Datasheet HTML 3Page - NXP Semiconductors BYD33 Datasheet HTML 4Page - NXP Semiconductors BYD33 Datasheet HTML 5Page - NXP Semiconductors BYD33 Datasheet HTML 6Page - NXP Semiconductors BYD33 Datasheet HTML 7Page - NXP Semiconductors BYD33 Datasheet HTML 8Page - NXP Semiconductors BYD33 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1996 Sep 18
2
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYD33 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Available in ammo-pack.
DESCRIPTION
Cavity free cylindrical glass package
through Implotec
(1) technology.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
(1) Implotec is a trademark of Philips.
Fig.1 Simplified outline (SOD81) and symbol.
handbook, 4 columns
a
k
MAM123
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYD33D
200
V
BYD33G
400
V
BYD33J
600
V
BYD33K
800
V
BYD33M
1000
V
BYD33U
1200
V
BYD33V
1400
V
VR
continuous reverse voltage
BYD33D
200
V
BYD33G
400
V
BYD33J
600
V
BYD33K
800
V
BYD33M
1000
V
BYD33U
1200
V
BYD33V
1400
V
IF(AV)
average forward current
Ttp =55 °C; lead length = 10 mm;
see Figs 2 and 3;
averaged over any 20 ms period;
see also Figs 10 and 11
BYD33D to M
1.30
A
BYD33U and V
1.26
A
IF(AV)
average forward current
Tamb =65 °C; PCB mounting (see
Fig.19); see Figs 4 and 5;
averaged over any 20 ms period;
see also Figs 10 and 11
BYD33D to M
0.70
A
BYD33U and V
0.67
A
IFRM
repetitive peak forward current
Ttp =55 °C; see Figs 6 and 7
BYD33D to M
12
A
BYD33U and V
11
A


Similar Part No. - BYD33

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYD33D BILIN-BYD33D Datasheet
64Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Gulf Semiconductor
BYD33D GULFSEMI-BYD33D Datasheet
123Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE200 TO 1000V CURRENT: 1.0A
logo
EIC discrete Semiconduc...
BYD33D EIC-BYD33D Datasheet
47Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
BYD33D SUNMATE-BYD33D Datasheet
296Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - BYD33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 May 24
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com