Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMSD3P303R2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTMSD3P303R2
Description  P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual SO-8 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMSD3P303R2 Datasheet(HTML) 4 Page - ON Semiconductor

  NTMSD3P303R2_06 Datasheet HTML 1Page - ON Semiconductor NTMSD3P303R2_06 Datasheet HTML 2Page - ON Semiconductor NTMSD3P303R2_06 Datasheet HTML 3Page - ON Semiconductor NTMSD3P303R2_06 Datasheet HTML 4Page - ON Semiconductor NTMSD3P303R2_06 Datasheet HTML 5Page - ON Semiconductor NTMSD3P303R2_06 Datasheet HTML 6Page - ON Semiconductor NTMSD3P303R2_06 Datasheet HTML 7Page - ON Semiconductor NTMSD3P303R2_06 Datasheet HTML 8Page - ON Semiconductor NTMSD3P303R2_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NTMSD3P303R2
http://onsemi.com
4
TYPICAL MOSFET ELECTRICAL CHARACTERISTICS
0.25
0.2
0.1
0.15
0.05
1
0.6
1.2
1.6
0
5
2
2
0.5
0.25
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
3
0.5
0.4
0.3
7
6
5
0.2
0.1
0
48
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. On−Resistance vs. Gate−to−Source
Voltage
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 5. On−Resistance vs. Drain Current and
Gate Voltage
−ID, DRAIN CURRENT (AMPS)
Figure 6. On Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
13
25
4
14
3
25
−50
50
75
25
0
150
−25
0.75
1
3
4
VGS = −8 V
VGS = −6 V
VGS = −4.8 V
VGS = −5 V
VGS = −4.4 V
VGS = −3.6 V
VDS > = −10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
VGS = −10 V
VGS = −4.5 V
6
ID = −3.05 A
VGS = −10 V
6
0.6
0.7
VGS = −4.6 V
VGS = −10 V
ID = −3.05 A
TJ = 25°C
TJ = 25°C
1
1.25
1.5
1.75
5
2
0
1
3
4
6
2
0.5
0.4
0.3
6
5
4
0.2
0.1
0
37
0.6
0.7
1.4
0.8
VGS = −3.2 V
VGS = −3 V
VGS = −2.6 V
ID = −1.5 A
TJ = 25°C
100
125
VGS = −4 V
TJ = 25°C
VGS = −2.8 V


Similar Part No. - NTMSD3P303R2_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMSD3P303R2 ONSEMI-NTMSD3P303R2 Datasheet
128Kb / 10P
   P?묬hannel Enhancement?묺ode Power MOSFET and Schottky Diode Dual SO?? Package
December, 2003 ??Rev. 1
More results

Similar Description - NTMSD3P303R2_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMSD3P102R2 ONSEMI-NTMSD3P102R2_06 Datasheet
178Kb / 9P
   P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual Dual SO-8 Package
March, 2006 ??Rev. 2
NTMSD3P303R2 ONSEMI-NTMSD3P303R2 Datasheet
128Kb / 10P
   P?묬hannel Enhancement?묺ode Power MOSFET and Schottky Diode Dual SO?? Package
December, 2003 ??Rev. 1
NTMSD3P102R2 ONSEMI-NTMSD3P102R2 Datasheet
126Kb / 10P
   P?묬hannel Enhancement?묺ode Power MOSFET and Schottky Diode Dual SO?? Package
December, 2003 ??Rev. 1
MMDF4P03HD ONSEMI-MMDF4P03HD Datasheet
207Kb / 8P
   P-channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
logo
Anpec Electronics Corop...
APM2801B ANPEC-APM2801B Datasheet
607Kb / 11P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
logo
ACE Technology Co., LTD...
ACE4710B ACE-ACE4710B Datasheet
601Kb / 6P
   P-Channel Enhancement Mode MOSFET with Schottky Diode
VER 1.2
logo
Cystech Electonics Corp...
MTA9D0B03Q8 CYSTEKEC-MTA9D0B03Q8 Datasheet
295Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9620Q8 CYSTEKEC-MTDP9620Q8 Datasheet
401Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9933KQ8 CYSTEKEC-MTDP9933KQ8 Datasheet
416Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805B ACE-ACE14805B Datasheet
1Mb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com