Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTR1P02LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTR1P02LT1G
Description  Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTR1P02LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTR1P02LT1G Datasheet HTML 1Page - ON Semiconductor NTR1P02LT1G Datasheet HTML 2Page - ON Semiconductor NTR1P02LT1G Datasheet HTML 3Page - ON Semiconductor NTR1P02LT1G Datasheet HTML 4Page - ON Semiconductor NTR1P02LT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 8
1
Publication Order Number:
NTR1P02LT1/D
NTR1P02LT1
Power MOSFET
−20 V, −1.3 A, P−Channel
SOT−23 Package
These miniature surface mount MOSFETs low RDS(on) assure
minimal power loss and conserve energy, making these devices ideal
for use in space sensitive power management circuitry. Typical
applications are DC−DC converters and power management in
portable and battery−powered products such as computers, printers,
PCMCIA cards, cellular and cordless telephones.
Features
Low RDS(on) Provides Higher Efficiency and Extends Battery Life
Miniature SOT−23 Surface Mount Package Saves Board Space
Pb−Free Packages are Available
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage − Continuous
VGS
±12
V
Drain Current
− Continuous @ TA = 25°C
− Pulsed Drain Current (tp ≤ 10 ms)
ID
IDM
−1.3
−4.0
A
A
Total Power Dissipation @ TA = 25°C
PD
400
mW
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
Thermal Resistance − Junction−to−Ambient
RqJA
300
°C/W
Maximum Lead Temperature for Soldering
Purposes, (1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
D
G
S
Device
Package
Shipping
ORDERING INFORMATION
NTR1P02LT1
SOT−23
3000 Tape & Reel
P−Channel
NTR1P02LT3
SOT−23
10,000 Tape & Reel
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NTR1P02LT3G
SOT−23
(Pb−Free)
10,000 Tape & Reel
−20 V
220 mW
RDS(on) Max
−1.3 A
ID Max
V(BR)DSS
SOT−23
CASE 318
STYLE 21
MARKING DIAGRAM &
PIN ASSIGNMENT
2
P02
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
1
3
NTR1P02LT1G
SOT−23
(Pb−Free)
3000 Tape & Reel
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
P02 M G
G
1
Gate
2
Source
Drain
3


Similar Part No. - NTR1P02LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR1P02LT1G ONSEMI-NTR1P02LT1G Datasheet
46Kb / 6P
   Power MOSFET
July, 2004 ??Rev. 5
logo
ZP Semiconductor
NTR1P02LT1G ZPSEMI-NTR1P02LT1G Datasheet
209Kb / 2P
   ??0 V, ??.3 A, P?묬hannel SOT??3 Package
logo
ON Semiconductor
NTR1P02LT1G ONSEMI-NTR1P02LT1G Datasheet
95Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 14
logo
VBsemi Electronics Co.,...
NTR1P02LT1G VBSEMI-NTR1P02LT1G Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NTR1P02LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR0202PL ONSEMI-NTR0202PL Datasheet
54Kb / 6P
   Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
July, 2004 ??Rev. 2
NTR0202PL ONSEMI-NTR0202PL_06 Datasheet
141Kb / 5P
   Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
March, 2006 ??Rev. 4
NTR4101P ONSEMI-NTR4101P_V01 Datasheet
219Kb / 6P
   MOSFET – Power, Single P-Channel, Trench, SOT-23 -20 V
June, 2019 - Rev. 12
NTR4101P ONSEMI-NTR4101P Datasheet
56Kb / 6P
   Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
logo
Foshan Blue Rocket Elec...
BSS84 FOSHAN-BSS84 Datasheet
750Kb / 6P
   P-CHANNEL MOSFET in a SOT-23 Plastic Package
IRLML6401 FOSHAN-IRLML6401 Datasheet
593Kb / 5P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3409 FOSHAN-AO3409 Datasheet
784Kb / 7P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2301 FOSHAN-SI2301 Datasheet
728Kb / 6P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
SI2321 FOSHAN-SI2321 Datasheet
1Mb / 7P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
AO3407 FOSHAN-AO3407 Datasheet
968Kb / 6P
   P- CHANNEL MOSFET in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com