Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTTD4401F Datasheet(PDF) 8 Page - ON Semiconductor

Part # NTTD4401F
Description  Power MOSFET and Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTD4401F Datasheet(HTML) 8 Page - ON Semiconductor

  NTTD4401F_07 Datasheet HTML 1Page - ON Semiconductor NTTD4401F_07 Datasheet HTML 2Page - ON Semiconductor NTTD4401F_07 Datasheet HTML 3Page - ON Semiconductor NTTD4401F_07 Datasheet HTML 4Page - ON Semiconductor NTTD4401F_07 Datasheet HTML 5Page - ON Semiconductor NTTD4401F_07 Datasheet HTML 6Page - ON Semiconductor NTTD4401F_07 Datasheet HTML 7Page - ON Semiconductor NTTD4401F_07 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NTTD4401F
http://onsemi.com
8
PACKAGE DIMENSIONS
Micro8
t
CASE 846A−02
ISSUE G
S
B
M
0.08 (0.003)
A S
T
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED
0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE.
5. 846A−01 OBSOLETE, NEW STANDARD 846A−02.
b
e
PIN 1 ID
8 PL
0.038 (0.0015)
−T−
SEATING
PLANE
A
A1
c
L
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
8X
8X
6X
mm
inches
SCALE 8:1
1.04
0.041
0.38
0.015
5.28
0.208
4.24
0.167
3.20
0.126
0.65
0.0256
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
−−
−−
1.10
−−
INCHES
A1
0.05
0.08
0.15
0.002
b
0.25
0.33
0.40
0.010
c
0.13
0.18
0.23
0.005
D
2.90
3.00
3.10
0.114
E
2.90
3.00
3.10
0.114
e
0.65 BSC
L
0.40
0.55
0.70
0.016
−−
0.043
0.003
0.006
0.013
0.016
0.007
0.009
0.118
0.122
0.118
0.122
0.026 BSC
0.021
0.028
NOM
MAX
4.75
4.90
5.05
0.187
0.193
0.199
H E
HE
D
D
E
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer
purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
NTTD4401F/D
FETKY and Micro8 are registered trademarks of International Rectifier Corporation.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTTD4401F_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTD4401FR2 ONSEMI-NTTD4401FR2 Datasheet
117Kb / 8P
   FETKY Power MOSFET and Schottky Diode
August, 2004 ??Rev. 3
More results

Similar Description - NTTD4401F_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD4884NF ONSEMI-NTMD4884NF Datasheet
96Kb / 7P
   Power MOSFET and Schottky Diode
March, 2008 - Rev. 0
NTHD4P02F ONSEMI-NTHD4P02F_05 Datasheet
83Kb / 7P
   Power MOSFET and Schottky Diode
November, 2005 ??Rev. 7
logo
Will Semiconductor Ltd.
WPM2005B WILLSEMI-WPM2005B Datasheet
2Mb / 6P
   Power MOSFET and Schottky Diode
logo
ON Semiconductor
NTHD3101F ONSEMI-NTHD3101F Datasheet
140Kb / 7P
   Power MOSFET and Schottky Diode
March, 2006 ??Rev. 3
NTHD4N02F ONSEMI-NTHD4N02F Datasheet
64Kb / 6P
   Power MOSFET and Schottky Diode
October, 2004 ??Rev. 7
NTLGF3501NT2G ONSEMI-NTLGF3501NT2G Datasheet
93Kb / 8P
   Power MOSFET and Schottky Diode
March, 2006 ??Rev. 1
NTHD4P02F ONSEMI-NTHD4P02F Datasheet
74Kb / 8P
   Power MOSFET and Schottky Diode
October, 2004 ??Rev. 4
logo
Kersemi Electronic Co.,...
IRF7521D1 KERSEMI-IRF7521D1 Datasheet
727Kb / 8P
   Power MOSFET and Schottky Diode
logo
Will Semiconductor Ltd.
WPM2005 WILLSEMI-WPM2005 Datasheet
1Mb / 8P
   Power MOSFET and Schottky Diode
WPM2006 WILLSEMI-WPM2006 Datasheet
920Kb / 8P
   Power MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com