Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUD3105DMT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NUD3105DMT1
Description  Integrated Relay, Inductive Load Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3105DMT1 Datasheet(HTML) 4 Page - ON Semiconductor

  NUD3105DMT1 Datasheet HTML 1Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 2Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 3Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 4Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 5Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 6Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 7Page - ON Semiconductor NUD3105DMT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NUD3105D
http://onsemi.com
4
TYPICAL CHARACTERISTICS
VGS = 0 V
11.0
12.0
10.0
9.0
8.0
7.0
13.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 2. Output Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. Transfer Function
TEMPERATURE (°C)
Figure 4. On Resistance Variation vs. Temperature
Figure 5. RDS(ON) Variation with
Gate−To−Source Voltage
Figure 6. Zener Voltage vs. Temperature
IZ, ZENER CURRENT (mA)
Figure 7. Zener Clamp Voltage vs. Zener Current
−50
−25
0
25
50
75
100
1200
1000
800
600
400
200
0
125
−50
−25
0
25
50
75
100
125
IZ = 10 mA
ID = 0.25 A
VGS = 3.0 V
50°C
1.0
1.2
1.4
1.6
0.8
50
45
40
35
30
25
20
2.0
15
1.8
ID = 250 mA
1.0
10
0.1
100
VGS = 0 V
VGS = 1.0 V
VGS = 5.0 V
VGS = 3.0 V
VGS = 2.0 V
TJ = 25°C
10
1.0
0.1
0.01
0.001
0.0001
0.00001
0.000001
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5 5.0
85°C
−40°C
VDS = 0.8 V
ID = 0.5 A
VGS = 3.0 V
ID = 0.5 A
VGS = 5.0 V
VGS, GATE−TO−SOURCE VOLTAGE (V)
50°C
85°C
−40°C
125°C
8.20
8.18
8.16
8.14
8.12
8.10
8.08
8.06
8.04
8.02
8.00
TEMPERATURE (°C)
10
1.0
0.1
0.01
0.001
0.0001
0.00001
85°C
−40°C
25°C
25°C
25°C
1000
6.0


Similar Part No. - NUD3105DMT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3105DMT1 ONSEMI-NUD3105DMT1 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3105DMT1 ONSEMI-NUD3105DMT1 Datasheet
152Kb / 8P
   Integrated Relay, Inductive Load Driver
October, 2009 ??Rev. 5
NUD3105DMT1G ONSEMI-NUD3105DMT1G Datasheet
152Kb / 8P
   Integrated Relay, Inductive Load Driver
October, 2009 ??Rev. 5
NUD3105DMT1G ONSEMI-NUD3105DMT1G Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
NUD3105DMT1G ONSEMI-NUD3105DMT1G Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
More results

Similar Description - NUD3105DMT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com