Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6N239S Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB6N239S
Description  3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6N239S Datasheet(HTML) 1 Page - ON Semiconductor

  NB6N239S Datasheet HTML 1Page - ON Semiconductor NB6N239S Datasheet HTML 2Page - ON Semiconductor NB6N239S Datasheet HTML 3Page - ON Semiconductor NB6N239S Datasheet HTML 4Page - ON Semiconductor NB6N239S Datasheet HTML 5Page - ON Semiconductor NB6N239S Datasheet HTML 6Page - ON Semiconductor NB6N239S Datasheet HTML 7Page - ON Semiconductor NB6N239S Datasheet HTML 8Page - ON Semiconductor NB6N239S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 3
1
Publication Order Number:
NB6N239S/D
NB6N239S
3.3 V, 3.0 GHz Any
Differential Clock IN to
LVDS OUT ÷1/2/4/8, ÷2/4/8/16
Clock Divider
Description
The NB6N239S is a high−speed, low skew clock divider with two
divider circuits, each having selectable clock divide ratios;
B1/2/4/8
and
B2/4/8/16. Both divider circuits drive LVDS compatible outputs.
(More device information on page 7). The NB6N239S is a member
of the ECLinPS MAX
™ family of high performance clock products.
Features
Maximum Clock Input Frequency, 3.0 GHz (1.5 GHz with B1)
Input Compatibility with LVDS/LVPECL/CML/HSTL
Rise/Fall Time 120 ps Typical
< 5 ps Typical Within Device Output Skew
Example; 622.08 MHz Input Generates 38.88 MHz to 622.08 MHz
Outputs
Internal 50 W Termination Provided
Random Clock Jitter < 2 ps RMS
QA B1 Edge Aligned to QB Bn Edge
Operating Range: VCC = 3.0 V to 3.465 V with GND = 0 V
Master Reset for Synchronization of Multiple Chips
VBBAC Reference Output
Synchronous Output Enable/Disable
TIA/EIA − 644 Compliant
Pb−Free Packages are Available
CLK
CLK
EN
Figure 1. Simplified Logic Diagram
QB
QB
MR
QA
QA
SELB1
SELB0
SELA1
SELA0
VT
+
B1
B2
B4
B8
B2
B4
B8
B16
A
B
50 W
R
50 W
VBBAC
MARKING DIAGRAM*
QFN−16
MN SUFFIX
CASE 485G
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
Bottom View
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
(Note: Microdot may be in either location)
1
16
NB6N
239S
ALYWG
G
1


Similar Part No. - NB6N239S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6N239S ONSEMI-NB6N239S Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6N239SMNG ONSEMI-NB6N239SMNG Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6N239SMNR2G ONSEMI-NB6N239SMNR2G Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6N239S ONSEMI-NB6N239S_13 Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
More results

Similar Description - NB6N239S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6N239S ONSEMI-NB6N239S_13 Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239_06 Datasheet
104Kb / 13P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
   첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
Renesas Technology Corp
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
   Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222_05 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Micrel Semiconductor
SY89200U MICREL-SY89200U Datasheet
552Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com