Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB6N239S Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB6N239S
Description  3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6N239S Datasheet(HTML) 3 Page - ON Semiconductor

  NB6N239S Datasheet HTML 1Page - ON Semiconductor NB6N239S Datasheet HTML 2Page - ON Semiconductor NB6N239S Datasheet HTML 3Page - ON Semiconductor NB6N239S Datasheet HTML 4Page - ON Semiconductor NB6N239S Datasheet HTML 5Page - ON Semiconductor NB6N239S Datasheet HTML 6Page - ON Semiconductor NB6N239S Datasheet HTML 7Page - ON Semiconductor NB6N239S Datasheet HTML 8Page - ON Semiconductor NB6N239S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NB6N239S
http://onsemi.com
3
CLK
CLK
EN
Figure 3. Logic Diagram
QB
QB
VCC
GND
MR
R
R
QA
QA
SELB1
SELB0
SELA1
SELA0
VBBAC
B1
B2
B4
B8
B2
B4
B8
B16
VT
50 W
50 W
+
+
A
B
Table 2. FUNCTION TABLE
CLK
EN*
MR**
FUNCTION
X
L
H
X
H
H
L
Divide
Hold Q
Reset Q
Table 3. CLOCK DIVIDE SELECT, QA OUTPUTS
SELA1*
SELA0*
QA Outputs
L
L
H
H
L
H
L
H
Divide by 1
Divide by 2
Divide by 4
Divide by 8
Table 4. CLOCK DIVIDE SELECT, QB OUTPUTS
SELB1*
SELB0*
QB Outputs
L
L
H
H
L
H
L
H
Divide by 2
Divide by 4
Divide by 8
Divide by 16
= Low−to−High Transition
= High−to−Low Transition
X = Don’t Care
*Pins will default LOW when left OPEN.
**Pins will default HIGH when left OPEN.


Similar Part No. - NB6N239S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6N239S ONSEMI-NB6N239S Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6N239SMNG ONSEMI-NB6N239SMNG Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6N239SMNR2G ONSEMI-NB6N239SMNR2G Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6N239S ONSEMI-NB6N239S_13 Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
More results

Similar Description - NB6N239S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6N239S ONSEMI-NB6N239S_13 Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239_06 Datasheet
104Kb / 13P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
   첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
Renesas Technology Corp
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
   Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222_05 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Micrel Semiconductor
SY89200U MICREL-SY89200U Datasheet
552Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com