Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUF2221W1T2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUF2221W1T2G
Description  USB Upstream Terminator with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF2221W1T2G Datasheet(HTML) 2 Page - ON Semiconductor

  NUF2221W1T2G Datasheet HTML 1Page - ON Semiconductor NUF2221W1T2G Datasheet HTML 2Page - ON Semiconductor NUF2221W1T2G Datasheet HTML 3Page - ON Semiconductor NUF2221W1T2G Datasheet HTML 4Page - ON Semiconductor NUF2221W1T2G Datasheet HTML 5Page - ON Semiconductor NUF2221W1T2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NUF2221W1T2
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Device
VRWM
(Volts)
VBR @ 1 mA
(Volts)
IR @ 3.3 V
(nA)
Line Capacitance
Vdc = 2.5 V
f = 1 MHz
pF (Note 1)
Series Resistor
RS (W)
Pull−up Resistor
Rup (kW)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
NUF2221W1T2
5.25
5.6
6.8
8.0
10
100
37.6
42
56.4
17.6
22
26.4
1.2
1.5
1.8
1. Measured between pins 1, 3, 4, 6 and ground with pin 5 also grounded.
2. For other resistance values (e.g. 15
W, 33 W), please contact your local ON Semiconductor sales representative.
TYPICAL CHARACTERISTICS
FREQUENCY (MHz)
21.5
22.0
22.5
23.0
23.5
24.0
24.5
−20
−10
0
10
20
30
40
50
60
70
RS = Typical
TEMPERATURE (
°C)
1460
1480
1500
1520
1540
1560
1580
1600
−20 −10
0
10
20
30
40
50
60
70
RUP = Typical
TEMPERATURE (
°C)
Figure 1. Insertion Loss Characteristics
Figure 2. RS versus Temperature
Figure 3. RUP versus Temperature
−30
−25
−20
−15
−10
−5
0
0.10
1.00
10.00
100.00
1000.00
Temp = 25
°C


Similar Part No. - NUF2221W1T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2221W1T2G ONSEMI-NUF2221W1T2G Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
NUF2221W1T2G ONSEMI-NUF2221W1T2G Datasheet
134Kb / 5P
   USB Upstream Terminator with ESD Protection
November, 2008 ??Rev. 0
More results

Similar Description - NUF2221W1T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF2221W1 ONSEMI-NUF2221W1 Datasheet
134Kb / 5P
   USB Upstream Terminator with ESD Protection
November, 2008 ??Rev. 0
NUF2030XV6 ONSEMI-NUF2030XV6 Datasheet
56Kb / 6P
   USB Upstream Terminator with ESD Protection
July, 2005 ??Rev. 2
NUF2221W1T2 ONSEMI-NUF2221W1T2 Datasheet
45Kb / 6P
   USB Upstream Terminator with ESD Protection
June, 2003 - Rev. 1
NUF2015W1 ONSEMI-NUF2015W1 Datasheet
140Kb / 6P
   USB Upstream Terminator with ESD Protection
March, 2006 ??Rev. 3
logo
California Micro Device...
PACUSB100 CALMIRCO-PACUSB100 Datasheet
111Kb / 2P
   USB UPSTREAM PORT FILTER WITH ESD PROTECTION
logo
ON Semiconductor
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
   USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com