Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L11MMN Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB7L11MMN
Description  2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L11MMN Datasheet(HTML) 2 Page - ON Semiconductor

  NB7L11MMN Datasheet HTML 1Page - ON Semiconductor NB7L11MMN Datasheet HTML 2Page - ON Semiconductor NB7L11MMN Datasheet HTML 3Page - ON Semiconductor NB7L11MMN Datasheet HTML 4Page - ON Semiconductor NB7L11MMN Datasheet HTML 5Page - ON Semiconductor NB7L11MMN Datasheet HTML 6Page - ON Semiconductor NB7L11MMN Datasheet HTML 7Page - ON Semiconductor NB7L11MMN Datasheet HTML 8Page - ON Semiconductor NB7L11MMN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NB7L11M
http://onsemi.com
2
VCC Q1 Q1
VCC
VCC Q0
Q0
VCC
VEE
VEE
VEE
VEE
VTCLK
CLK
CLK
VTCLK
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
NB7L11M
Exposed Pad (EP)
Figure 2. QFN−16 Pinout (Top View)
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Description
1
VTCLK
Internal 50 W Termination Pin for CLK
2
CLK
LVPECL, CML,
LVCMOS, LVTTL,
LVDS
Inverted Differential Clock/Data Input. (Note 1)
3
CLK
LVPECL, CML,
LVCMOS, LVTTL,
LVDS
Noninverted Differential Clock/Data Input. (Note 1)
4
VTCLK
Internal 50 W Termination Pin for CLK
5,8,13,16
VCC
Positive Supply Voltage. All VCC pins must be externally connected to a Power Supply
to guarantee proper operation.
6
Q1
CML Output
Inverted CLK output 1 with internal 50 W source termination resistor. (Note 2)
7
Q1
CML Output
Noninverted CLK output 1 with internal 50 W source termination resistor. (Note 2)
9,10,11,12
VEE
Negative Supply Voltage. All VEE pins must be externally connected to a Power Supply
to guarantee proper operation.
14
Q0
CML Output
Inverted CLK output 0 with internal 50 W source termination resistor. (Note 2)
15
Q0
CML Output
Noninverted CLK output 0 with internal 50 W source termination resistor. (Note 2)
EP
Exposed Pad. The thermally exposed pad on package bottom (see case drawing) must
be attached to a heatsinking conduit. It is recommended to connect the EP to the lower
potential (VEE).
1. In the differential configuration when the input termination pins (VTCLK, VTCLK) are connected to a common termination voltage or left open,
and if no signal is applied on CLK and CLK then the device will be susceptible to self−oscillation.
2. CML outputs require 50 W receiver termination resistor to VCC for proper operation.


Similar Part No. - NB7L11MMN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L11MMNG ONSEMI-NB7L11MMNG Datasheet
229Kb / 11P
   CML Outputs and Internal Termination
August, 2016 ??Rev. 4
NB7L11MMNR2G ONSEMI-NB7L11MMNR2G Datasheet
229Kb / 11P
   CML Outputs and Internal Termination
August, 2016 ??Rev. 4
More results

Similar Description - NB7L11MMN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB6L11M ONSEMI-NB6L11M Datasheet
147Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer
December, 2006 ??Rev. 0
NB6L11M ONSEMI-NB6L11M_07 Datasheet
84Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer Multi?묹evel Inputs w/ Internal Termination
March, 2007 ??Rev. 1
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
logo
Micrel Semiconductor
SY58011U MICREL-SY58011U_08 Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
logo
ON Semiconductor
NB7V72M ONSEMI-NB7V72M Datasheet
161Kb / 8P
   1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com