Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L86M Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB7L86M
Description  2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L86M Datasheet(HTML) 3 Page - ON Semiconductor

  NB7L86M Datasheet HTML 1Page - ON Semiconductor NB7L86M Datasheet HTML 2Page - ON Semiconductor NB7L86M Datasheet HTML 3Page - ON Semiconductor NB7L86M Datasheet HTML 4Page - ON Semiconductor NB7L86M Datasheet HTML 5Page - ON Semiconductor NB7L86M Datasheet HTML 6Page - ON Semiconductor NB7L86M Datasheet HTML 7Page - ON Semiconductor NB7L86M Datasheet HTML 8Page - ON Semiconductor NB7L86M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NB7L86M
http://onsemi.com
3
Q
SEL
VTD0
Q
SEL
VTD0
50 W
50 W
VTD1
VTD1
50 W
50 W
50 W
50 W
VTSEL
Figure 3. Configuration for AND/NAND Function
VCC
VT or
VBB
b
m
D0
D0
D1
D1
RD
VEE
VCC
Table 2. AND/NAND TRUTH TABLE (Note 3)
b
∝ AND b
D0
D1
SEL
Q
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
1
3. D0, D1, SEL are complementary of D0, D1, SEL unless
specified otherwise.
Figure 4. Configuration for OR/NOR Function
Table 3. OR/NOR TRUTH TABLE (Note 4)
0
0
1
1
D0
m
1
1
1
1
D1
b
0
1
0
1
SEL
m or b
0
1
1
1
Q
Q
SEL
VTD0
Q
SEL
VTD0
50 W
50 W
VTD1
VTD1
50 W
50 W
50 W
50 W
VTSEL
VCC
VT or VBB
b
m
D0
D0
D1
D1
4. D0, D1, SEL are complementary of D0, D1, SEL unless
specified otherwise.
Q
SEL
VTD0
Q
SEL
VTD0
50 W
50 W
VTD1
VTD1
50 W
50 W
50 W
50 W
VTSEL
b
m
D0
D0
D1
D1
Figure 5. Configuration for XOR/XNOR Function
1
0
0
D1
0
1
0
1
SEL
m XOR b
0
1
1
0
Q
Table 4. XOR/XNOR TRUTH TABLE (Note 5)
0
0
1
1
D0
m
1
b
5. D0, D1, SEL are complementary of D0, D1, SEL unless
specified otherwise.


Similar Part No. - NB7L86M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
March, 2012 ??Rev. 7
NB7L86MMNG ONSEMI-NB7L86MMNG Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
March, 2012 ??Rev. 7
NB7L86MMNR2G ONSEMI-NB7L86MMNR2G Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
March, 2012 ??Rev. 7
NB7L86M ONSEMI-NB7L86M_12 Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
March, 2012 ??Rev. 7
More results

Similar Description - NB7L86M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L86M ONSEMI-NB7L86M_12 Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
March, 2012 ??Rev. 7
NB4L858M ONSEMI-NB4L858M Datasheet
98Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
December, 2005 ??Rev. 9
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com