Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L111MMN Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB7L111MMN
Description  2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L111MMN Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NB7L111MMN Datasheet HTML 3Page - ON Semiconductor NB7L111MMN Datasheet HTML 4Page - ON Semiconductor NB7L111MMN Datasheet HTML 5Page - ON Semiconductor NB7L111MMN Datasheet HTML 6Page - ON Semiconductor NB7L111MMN Datasheet HTML 7Page - ON Semiconductor NB7L111MMN Datasheet HTML 8Page - ON Semiconductor NB7L111MMN Datasheet HTML 9Page - ON Semiconductor NB7L111MMN Datasheet HTML 10Page - ON Semiconductor NB7L111MMN Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NB7L111M
http://onsemi.com
7
0
50
100
150
200
250
300
350
400
1
2
3
3.5 4
4.5 5
5.5 6
6.5
INPUT CLOCK FREQUENCY (GHz)
25
85
−40
Figure 3. Output Voltage Amplitude vs. Input
Clock Frequency and Temperature
(Vinpp = 400 mV; VCC = 3.3 V)
0
50
100
150
200
250
300
350
400
1
2
3
3.5
4
4.5
5
5.5
6 6.5
INPUT CLOCK FREQUENCY (GHz)
Figure 4. Output Voltage Amplitude vs. Input
Clock Frequency and Temperature
(Vinpp = 75 mV; VCC = 3.3 V)
25
85
−40
0
50
100
150
200
250
300
350
400
1
2
3
3.5
4
4.5
5
5.5
6
6.5
0
50
100
150
200
250
300
350
400
1
2
3
3.5
4
4.5
5
5.5
6
6.5
INPUT CLOCK FREQUENCY (GHz)
−40
85
25
INPUT CLOCK FREQUENCY (GHz)
25
85
−40
Figure 5. Output Voltage Amplitude vs. Input
Clock Frequency and Temperature
(Vinpp = 400 mV; VCC = 2.5 V)
Figure 6. Output Voltage Amplitude vs. Input
Clock Frequency and Temperature
(Vinpp = 75 mV; VCC = 2.5 V)
Figure 7. Propagation Delay versus Temperature
−40
25
85
200
210
220
230
240
250
260
270
280
Temperature (°C)
Typical Tpd


Similar Part No. - NB7L111MMN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L11M ONSEMI-NB7L11M Datasheet
229Kb / 11P
   CML Outputs and Internal Termination
August, 2016 ??Rev. 4
NB7L11MMN ONSEMI-NB7L11MMN Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L11MMNG ONSEMI-NB7L11MMNG Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L11MMNG ONSEMI-NB7L11MMNG Datasheet
229Kb / 11P
   CML Outputs and Internal Termination
August, 2016 ??Rev. 4
More results

Similar Description - NB7L111MMN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86M ONSEMI-NB7L86M_12 Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
March, 2012 ??Rev. 7
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB6L295M ONSEMI-NB6L295M Datasheet
194Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
January, 2010 ??Rev. 4
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB6L295M ONSEMI-NB6L295M_12 Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NB6L295MMNGEVB ONSEMI-NB6L295MMNGEVB Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com