Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L14MMNR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB7L14MMNR2G
Description  2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L14MMNR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB7L14MMNR2G Datasheet HTML 3Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 4Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 5Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 6Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 7Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 8Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 9Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 10Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NB7L14M
http://onsemi.com
9
Application Information
All NB7L14M inputs can accept PECL, CML, LVTTL,
LVCMOS and LVDS signal levels. The limitations for
differential input signal (LVDS, PECL, or CML) are
minimum input swing of 75 mV and the maximum input
swing of 2500 mV. Within these conditions, the input
voltage can range from VCC to 1.2 V. Examples interfaces
are illustrated below in a 50
W environment (Z = 50 W).
50 W
VCC
CLK
CLK
50 W
NB7L14M
VCC
VTCLK
VEE
VCC
Q
50 W 50 W
CML Driver
VEE
Figure 15. CML to CML Interface
Z
Q
Z
Figure 16. PECL to CML Receiver Interface
50 W
Z
Z
VCC
VCC
PECL
Driver
CLK
CLK
50 W
NB7L14M
VEE
VBias
VTCLK
VEE
RT
RT
VEE
VCC
RT
5.0 V 290 W
3.3 V 150 W
2.5 V 80 W
Recommended RT Values
50 W
50 W
VTCLK
VCC
VTCLK
VBias


Similar Part No. - NB7L14MMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L14MN1G ONSEMI-NB7L14MN1G Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
NB7L14MN1TWG ONSEMI-NB7L14MN1TWG Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
NB7L14MN1TXG ONSEMI-NB7L14MN1TXG Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
NB7L14MNG ONSEMI-NB7L14MNG Datasheet
149Kb / 9P
   2.5V / 3.3V 7GHz/10Gbps Differential 1:4 LVPECL Fanout Buffer
February, 2009 ??Rev. 2
NB7L14MNG ONSEMI-NB7L14MNG Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com