Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L14MMNR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB7L14MMNR2G
Description  2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L14MMNR2G Datasheet(HTML) 2 Page - ON Semiconductor

  NB7L14MMNR2G Datasheet HTML 1Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 2Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 3Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 4Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 5Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 6Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 7Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 8Page - ON Semiconductor NB7L14MMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NB7L14M
http://onsemi.com
2
VEE Q3
Q3 VCC
VEE Q0
Q0
VCC
Q1
Q1
Q2
Q2
VTCLK
CLK
CLK
VTCLK
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
NB7L14M
Exposed Pad (EP)
Figure 2. QFN−16 Pinout (Top View)
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Description
1
VTCLK
Internal 50 W Termination Pin for CLK.
2
CLK
LVPECL, CML,
LVCMOS, LVTTL,
LVDS
Inverted Differential Clock/Data Input. (Note 1)
3
CLK
LVPECL, CML,
LVCMOS, LVTTL,
LVDS
Non−inverted Differential Clock/Data Input. (Note 1)
4
VTCLK
Internal 50 W Termination Pin for CLK.
5,16
VEE
Power Supply
Negative Supply Voltage. All VEE pins must be externally connected to a Power Supply to
guarantee proper operation.
6
Q3
CML Output
Inverted Differential Output 3 with Internal 50 W Source Termination Resistor. (Note 2)
7
Q3
CML Output
Non−inverted Differential Output 3 with Internal 50 W Source Termination Resistor. (Note 2)
8,13
VCC
Power Supply
Positive Supply Voltage. All VCC pins must be externally connected to a Power Supply to
guarantee proper operation.
9
Q2
CML Output
Inverted Differential Output 2 with Internal 50 W Source Termination Resistor. (Note 2)
10
Q2
CML Output
Non−inverted Differential Output 2 with Internal 50 W Source Termination Resistor. (Note 2)
11
Q1
CML Output
Inverted Differential Output 1 with Internal 50 W Source Termination Resistor. (Note 2)
12
Q1
CML Output
Non−inverted Differential Output 1 with Internal 50 W Source Termination Resistor. (Note 2)
14
Q0
CML Output
Inverted Differential Output 0 with Internal 50 W Source Termination Resistor. (Note 2)
15
Q0
CML Output
Non−inverted Differential Output 0 with Internal 50 W Source Termination Resistor. (Note 2)
EP
Exposed Pad. Thermal pad on the package bottom must be attached to a heatsinking
conduit to improve heat transfer. It is recommended to connect the EP to the lower
potential (VEE).
1. In the differential configuration when the input termination pins (VTCLK, VTCLK) are connected to a common termination voltage or left open,
and if no signal is applied on CLK and CLK, then the device will be susceptible to self−oscillation.
2. CML outputs require 50 W receiver termination resistors to VCC for proper operation.


Similar Part No. - NB7L14MMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L14MN1G ONSEMI-NB7L14MN1G Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
NB7L14MN1TWG ONSEMI-NB7L14MN1TWG Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
NB7L14MN1TXG ONSEMI-NB7L14MN1TXG Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
NB7L14MNG ONSEMI-NB7L14MNG Datasheet
149Kb / 9P
   2.5V / 3.3V 7GHz/10Gbps Differential 1:4 LVPECL Fanout Buffer
February, 2009 ??Rev. 2
NB7L14MNG ONSEMI-NB7L14MNG Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com