Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7N017M Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB7N017M
Description  3.3V SiGe 8?묪it Dual Modulus Programmable Divider/Prescaler with CML Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7N017M Datasheet(HTML) 4 Page - ON Semiconductor

  NB7N017M_06 Datasheet HTML 1Page - ON Semiconductor NB7N017M_06 Datasheet HTML 2Page - ON Semiconductor NB7N017M_06 Datasheet HTML 3Page - ON Semiconductor NB7N017M_06 Datasheet HTML 4Page - ON Semiconductor NB7N017M_06 Datasheet HTML 5Page - ON Semiconductor NB7N017M_06 Datasheet HTML 6Page - ON Semiconductor NB7N017M_06 Datasheet HTML 7Page - ON Semiconductor NB7N017M_06 Datasheet HTML 8Page - ON Semiconductor NB7N017M_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NB7N017M
http://onsemi.com
4
Table 2. CE Truth Table
CE
Clock Status
LOW
HIGH
Clock Disabled
Clock Enabled
Table 3. SEL Truth Table
SEL
Active Register
LOW
HIGH
REGa
REGb
Table 4. Register Programming Values for Various Divide Ratios
Pa7/Pb7
Pa6/Pb6
Pa5/Pb5
Pa4/Pb4
Pa3/Pb3
Pa2/Pb2
Pa1/Pb1
Pa0/Pb0
Divide By
0
0
0
0
0
0
0
0
undefined
0
000
000
1
2
0
000
001
0
3
0
000
001
1
4
−−−
−−−
−−−
−−−
1
111
110
1
254
1
111
111
0
255
1
1
1
1
1
1
1
1
256
Table 5. Function Table
MR
Pla
PLb
SEL
CE
CLK
Function
H
X
X
X
X
X
Master Reset (Counter programmed to 0000 0000, REGa and REGb programmed to 1111 1111 and
TC to 1)
L
H
L
X
X
X
REGa is transparent to Pa[0:7]
L
L
H
X
X
X
REGb is transparent Pb[0:7]
L
L
L
L
H
Z
Count; At TC pulse, load counter from REGa
L
L
L
H
H
Z
Count; At TC pulse, load counter from REGb
L
X
X
X
L
X
Hold
X − Don’t Care
H − HIGH
L − LOW
Z − Rising Edge


Similar Part No. - NB7N017M_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7N017MMN ONSEMI-NB7N017MMN Datasheet
177Kb / 20P
   3.3V SiGe 8-Bit Dual Modulus Programmable Divider/Prescaler with CML Outputs
November, 2004 ??Rev. 0
NB7N017MMNG ONSEMI-NB7N017MMNG Datasheet
177Kb / 20P
   3.3V SiGe 8-Bit Dual Modulus Programmable Divider/Prescaler with CML Outputs
November, 2004 ??Rev. 0
NB7N017MMNG ONSEMI-NB7N017MMNG Datasheet
206Kb / 19P
   3.3V SiGe 8?륛it Dual Modulus Programmable Divider/Prescaler
August, 2016 ??Rev. 5
NB7N017MMNR2 ONSEMI-NB7N017MMNR2 Datasheet
177Kb / 20P
   3.3V SiGe 8-Bit Dual Modulus Programmable Divider/Prescaler with CML Outputs
November, 2004 ??Rev. 0
NB7N017MMNR2G ONSEMI-NB7N017MMNR2G Datasheet
177Kb / 20P
   3.3V SiGe 8-Bit Dual Modulus Programmable Divider/Prescaler with CML Outputs
November, 2004 ??Rev. 0
More results

Similar Description - NB7N017M_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7N017M ONSEMI-NB7N017M Datasheet
177Kb / 20P
   3.3V SiGe 8-Bit Dual Modulus Programmable Divider/Prescaler with CML Outputs
November, 2004 ??Rev. 0
NB7N017M ONSEMI-NB7N017M_16 Datasheet
206Kb / 19P
   3.3V SiGe 8?륛it Dual Modulus Programmable Divider/Prescaler
August, 2016 ??Rev. 5
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
   Dual Modulus Prescaler
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
   Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com