Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L216MNG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB7L216MNG
Description  2.5V/3.3V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L216MNG Datasheet(HTML) 1 Page - ON Semiconductor

  NB7L216MNG Datasheet HTML 1Page - ON Semiconductor NB7L216MNG Datasheet HTML 2Page - ON Semiconductor NB7L216MNG Datasheet HTML 3Page - ON Semiconductor NB7L216MNG Datasheet HTML 4Page - ON Semiconductor NB7L216MNG Datasheet HTML 5Page - ON Semiconductor NB7L216MNG Datasheet HTML 6Page - ON Semiconductor NB7L216MNG Datasheet HTML 7Page - ON Semiconductor NB7L216MNG Datasheet HTML 8Page - ON Semiconductor NB7L216MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 2
1
Publication Order Number:
NB7L216/D
NB7L216
2.5V/3.3V, 12Gb/s Multi
Level Clock/Data Input to
RSECL, High Gain
Receiver/Buffer/Translator
with Internal Termination
Description
The NB7L216 is a differential receiver/driver with high gain output
targeted for high frequency applications. The device is functionally
equivalent to the NBSG16 but with much higher gain output. This
highly versatile device provides 35 dB of gain up to 7 GHz.
Inputs incorporate internal 50
W termination resistors and accept
Negative ECL (NECL), Positive ECL (PECL), LVTTL, LVCMOS,
CML, or LVDS. Outputs are Reduced Swing ECL (RSECL), 400 mV.
The VBB pin is an internally generated voltage supply available to
this device only. VBB is used as a reference voltage for single−ended
NECL or PECL inputs. For all single−ended input conditions, the
unused complementary differential input should be connected to VBB
as a switching reference voltage. VBB may also rebias AC coupled
inputs. When used, decouple VBB via a 0.01 mF capacitor and limit
current sourcing or sinking to 0.5 mA. When not used, VBB output
should be left open.
Application notes, models and support documentation are available
at www.onsemi.com.
Features
High Gain of 35 dB from DC to 7 GHz Typical
High IIP3: 0 dBm Typical
20 mV Minimum Input Voltage Swing
Maximum Input Clock Frequency up to 8.5 GHz
Maximum Input Data Rate up to 12 Gb/s Typical
<0.5 ps of RMS Clock Jitter
<9 ps of Data Dependent Jitter
120 ps Typical Propagation Delay
30 ps Typical Rise and Fall Times
RSPECL Output with Operating Range: VCC = 2.375 V to 3.465 V
with VEE = 0 V
RSNECL Output with RSNECL or NECL Inputs with Operating
Range: VCC = 0 V with VEE = −2.375 V to −3.465 V
RSECL Output Level (400 mV Peak−to−Peak Output),
50 W Internal Input Termination Resistors (Temperature−Coefficient
of < 6.38 m
W/°C)
VBB – ECL Reference Voltage Output
Pb−Free Packages are Available
50
W
50
W
VTD
D
D
VTD
Q
Q
QFN−16
MN SUFFIX
CASE 485G
MARKING DIAGRAM*
*For additional marking information, refer to
Application Note AND8002/D.
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
16
NB7L
216
ALYW
G
G
1
Figure 1. Functional Block Diagram
TIME (17 ps/div)
Figure 2. Typical Output Waveform at
12 Gb/s with PRBS 223−1 (VINPP = 400 mV,
Input Signal DDJ = 12 ps)
http://onsemi.com
Device DDJ = 3 ps
(Note: Microdot may be in either location)


Similar Part No. - NB7L216MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L216MNEVB ONSEMI-NB7L216MNEVB Datasheet
414Kb / 11P
   2.5 V / 3.3 V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2016 ??Rev. 6
More results

Similar Description - NB7L216MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L216MNEVB ONSEMI-NB7L216MNEVB Datasheet
414Kb / 11P
   2.5 V / 3.3 V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2016 ??Rev. 6
NB4L16M ONSEMI-NB4L16M Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
NBSG16M ONSEMI-NBSG16M Datasheet
81Kb / 12P
   2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2004 ??Rev. 3
NB4L16MMNEVB ONSEMI-NB4L16MMNEVB Datasheet
772Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
August, 2016 ??Rev. 4
NB4N527S ONSEMI-NB4N527S Datasheet
109Kb / 10P
   3.3V, 2.5Gb/s Dual AnyLevel??to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination
June, 2006 ??Rev. 3
NB4N11M ONSEMI-NB4N11M Datasheet
223Kb / 11P
   3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
November, 2005 ??Rev. 1
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB6L16 ONSEMI-NB6L16 Datasheet
117Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4
NB7L585R ONSEMI-NB7L585R Datasheet
160Kb / 9P
   2.5V/3.3V, 7GHz/10Gbps Differential 2:1 Mux Input to 1:6 RSECL Clock/Data Fanout Buffer / Translator
October, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com