Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB100EP223FA Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB100EP223FA
Description  3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100EP223FA Datasheet(HTML) 3 Page - ON Semiconductor

  NB100EP223FA Datasheet HTML 1Page - ON Semiconductor NB100EP223FA Datasheet HTML 2Page - ON Semiconductor NB100EP223FA Datasheet HTML 3Page - ON Semiconductor NB100EP223FA Datasheet HTML 4Page - ON Semiconductor NB100EP223FA Datasheet HTML 5Page - ON Semiconductor NB100EP223FA Datasheet HTML 6Page - ON Semiconductor NB100EP223FA Datasheet HTML 7Page - ON Semiconductor NB100EP223FA Datasheet HTML 8Page - ON Semiconductor NB100EP223FA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NB100EP223
http://onsemi.com
3
0
1
Figure 2. Logic Diagram
CLK_SEL
HSTL_CLK
HSTL_CLK
LVPECL_CLK
LVPECL_CLK
OE
Q0−Q21 (HSTL)
Q0−Q21 (HSTL)
Q
D
22
22
VCC
GND
VCCO
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 kW
Internal Input Pullup Resistor
37.5 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 150 V
> 2 kV
Moisture Sensitivity (Note 1)
Pb Pkg
Pb−Free Pkg
LQFP−64
Level 2
Level 3
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
693
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, refer to Application Note AND8003/D.
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Core Power Supply
GND = 0 V
VCCO = 1.8 V
4
V
VCCO
HSTL Output Power Supply
GND = 0 V
VCC = 3.3 V
4
V
VI
PECL Mode Input Voltage
GND = 0 V
VI ≤ VCC
4
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
0 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
(See Application Information)
0 lfpm
500 lfpm
64 LQFP
64 LQFP
35.6
30
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
(See Application Information)
0 lfpm
500 lfpm
64 LQFP
64 LQFP
3.2
6.4
°C/W
°C/W
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - NB100EP223FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
84Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
March, 2007 ??Rev. 8
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
84Kb / 7P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
August, 2015 ??Rev. 12
NB100ELT23LD ONSEMI-NB100ELT23LD Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
NB100ELT23LD ONSEMI-NB100ELT23LD Datasheet
84Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
March, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com