Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB7L216MNR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NB7L216MNR2G
Description  2.5V/3.3V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L216MNR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NB7L216MNR2G Datasheet HTML 4Page - ON Semiconductor NB7L216MNR2G Datasheet HTML 5Page - ON Semiconductor NB7L216MNR2G Datasheet HTML 6Page - ON Semiconductor NB7L216MNR2G Datasheet HTML 7Page - ON Semiconductor NB7L216MNR2G Datasheet HTML 8Page - ON Semiconductor NB7L216MNR2G Datasheet HTML 9Page - ON Semiconductor NB7L216MNR2G Datasheet HTML 10Page - ON Semiconductor NB7L216MNR2G Datasheet HTML 11Page - ON Semiconductor NB7L216MNR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NB7L216
http://onsemi.com
11
ORDERING INFORMATION
Device
Package
Shipping
NB7L216MN
QFN−16
123 Units / Rail
NB7L216MNG
QFN−16
(Pb−Free)
123 Units / Rail
NB7L216MNR2
QFN−16
3000 / Tape & Reel
NB7L216MNR2G
QFN−16
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NB7L216MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L216MNEVB ONSEMI-NB7L216MNEVB Datasheet
414Kb / 11P
   2.5 V / 3.3 V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2016 ??Rev. 6
More results

Similar Description - NB7L216MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7L216MNEVB ONSEMI-NB7L216MNEVB Datasheet
414Kb / 11P
   2.5 V / 3.3 V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2016 ??Rev. 6
NB4L16M ONSEMI-NB4L16M Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
NBSG16M ONSEMI-NBSG16M Datasheet
81Kb / 12P
   2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2004 ??Rev. 3
NB4L16MMNEVB ONSEMI-NB4L16MMNEVB Datasheet
772Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
August, 2016 ??Rev. 4
NB4N527S ONSEMI-NB4N527S Datasheet
109Kb / 10P
   3.3V, 2.5Gb/s Dual AnyLevel??to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination
June, 2006 ??Rev. 3
NB4N11M ONSEMI-NB4N11M Datasheet
223Kb / 11P
   3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
November, 2005 ??Rev. 1
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB6L16 ONSEMI-NB6L16 Datasheet
117Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4
NB7L585R ONSEMI-NB7L585R Datasheet
160Kb / 9P
   2.5V/3.3V, 7GHz/10Gbps Differential 2:1 Mux Input to 1:6 RSECL Clock/Data Fanout Buffer / Translator
October, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com