Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUF4211MN Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUF4211MN
Description  Low Capacitance 4 Line EMI Filter with ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF4211MN Datasheet(HTML) 2 Page - ON Semiconductor

  NUF4211MN_07 Datasheet HTML 1Page - ON Semiconductor NUF4211MN_07 Datasheet HTML 2Page - ON Semiconductor NUF4211MN_07 Datasheet HTML 3Page - ON Semiconductor NUF4211MN_07 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NUF4211MN
http://onsemi.com
2
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
ESD Discharge IEC61000−4−2
Contact Discharge
Machine Model
Human Body Model
VPP
8.0
0.4
8.0
kV
Operating Temperature Range
TOP
−40 to 85
°C
Storage Temperature Range
TSTG
−55 to 150
°C
Maximum Lead Temperature for Soldering Purposes (1.8 in from case for 10 seconds)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Reverse Working Voltage
VRWM
5.0
V
Breakdown Voltage
VBR
IR = 1.0 mA
6.0
7.0
8.0
V
Leakage Current
IR
VRWM = 3.3 V
100
nA
Resistance
RA
IR = 10 mA
85
100
115
W
Capacitance (Notes 1 and 2)
Cd
VR = 2.5 V, f = 1.0 MHz
8.5
11
pF
Cut−Off Frequency (Note 3)
f3dB
Above this frequency,
appreciable attenuation occurs
250
MHz
1. Measured at 25
°C.
2. Total Line Capacitance is two times the Diode Capacitance (Cd).
3. 50
W source and 50 W load termination.


Similar Part No. - NUF4211MN_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF4211MN ONSEMI-NUF4211MN_09 Datasheet
166Kb / 6P
   4-Channel EMI Filter with Integrated ESD Protection
August, 2009 ??Rev. 1
More results

Similar Description - NUF4211MN_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF_05 Datasheet
130Kb / 6P
   4 LINE LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
logo
ON Semiconductor
NUF9002FC ONSEMI-NUF9002FC Datasheet
128Kb / 4P
   Low Capacitance 10 Line EMI Filter with ESD Protection
March, 2006 ??Rev. 1
NUF8410MN ONSEMI-NUF8410MN Datasheet
60Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection
August, 2005 ??Rev. 0
NUF8401MN ONSEMI-NUF8401MN Datasheet
62Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 4
NUF6406MN ONSEMI-NUF6406MN Datasheet
53Kb / 4P
   Low Capacitance 6 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 2
NUF9005MN ONSEMI-NUF9005MN Datasheet
62Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection
November, 2006 ??Rev. 0
NUF4010MU ONSEMI-NUF4010MU Datasheet
76Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
October, 2007 - Rev. 0
NUF4000MU ONSEMI-NUF4000MU Datasheet
76Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
October, 2007 - Rev. 0
NUF4310MN ONSEMI-NUF4310MN Datasheet
99Kb / 4P
   Low Capacitance 4-Line EMI Filter with ESD Protection in WDFN8 Package
October, 2008 ??Rev. 0
NUF4001MU ONSEMI-NUF4001MU Datasheet
51Kb / 4P
   Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package
December, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com