Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB100LVEP17MN Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB100LVEP17MN
Description  2.5V / 3.3V Quad Differential Driver/Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP17MN Datasheet(HTML) 4 Page - ON Semiconductor

  NB100LVEP17MN Datasheet HTML 1Page - ON Semiconductor NB100LVEP17MN Datasheet HTML 2Page - ON Semiconductor NB100LVEP17MN Datasheet HTML 3Page - ON Semiconductor NB100LVEP17MN Datasheet HTML 4Page - ON Semiconductor NB100LVEP17MN Datasheet HTML 5Page - ON Semiconductor NB100LVEP17MN Datasheet HTML 6Page - ON Semiconductor NB100LVEP17MN Datasheet HTML 7Page - ON Semiconductor NB100LVEP17MN Datasheet HTML 8Page - ON Semiconductor NB100LVEP17MN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NB100LVEP17
http://onsemi.com
4
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Mode Power Supply
VEE = 0 V
6
V
VEE
Negative Mode Power Supply
VCC = 0 V
−6
V
VI
Positive Mode Input Voltage
Negative Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
$0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
JEDEC 51−3 (1S − Single Layer Test Board)
0 lfpm
500 lfpm
20 TSSOP
20 TSSOP
140
50
°C/W
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
JEDEC 51−6 (2S2P Multilayer Test Board) with Filled Thermal
Vias
0 lfpm
500 lfpm
24 QFN
24 QFN
37
32
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
20 TSSOP
24 QFN
23 to 41
11
°C/W
°C/W
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 4. DC CHARACTERISTICS, PECL VCC = 2.5 V; VEE = 0 V (Note 2)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Negative Power Supply Current
30
40
50
30
40
50
30
40
55
mA
VOH
Output HIGH Voltage (Note 3)
1355 1480 1605 1355 1480 1605 1355 1480 1605
mV
VOL
Output LOW Voltage (Note 3)
555
775
900
555
775
900
555
775
900
mV
VIH
Input HIGH Voltage (Single−Ended) (Note 4)
1335
1620 1335
1620 1275
1620
mV
VIL
Input LOW Voltage (Single−Ended) (Note 4)
555
875
555
875
555
875
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 5)
1.2
2.5
1.2
2.5
1.2
2.5
V
IIH
Input HIGH Current (@ VIH)
150
150
150
mA
IIL
Input LOW Current (@ VIL)D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Input and output parameters vary 1:1 with VCC. VEE can vary −0.125 V to +1.3 V.
3. All loading with 50 W to VEE = VCC − 2.0 V.
4. Do not use VBB at VCC < 3.0 V.
5. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - NB100LVEP17MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP17MNG ONSEMI-NB100LVEP17MNG Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NB100LVEP17MNR2G ONSEMI-NB100LVEP17MNR2G Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
More results

Similar Description - NB100LVEP17MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
NB100LVEP17 ONSEMI-NB100LVEP17_14 Datasheet
105Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receive
May, 2014 ??Rev. 8
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com