Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB100LVEP91 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB100LVEP91
Description  2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP91 Datasheet(HTML) 3 Page - ON Semiconductor

  NB100LVEP91_06 Datasheet HTML 1Page - ON Semiconductor NB100LVEP91_06 Datasheet HTML 2Page - ON Semiconductor NB100LVEP91_06 Datasheet HTML 3Page - ON Semiconductor NB100LVEP91_06 Datasheet HTML 4Page - ON Semiconductor NB100LVEP91_06 Datasheet HTML 5Page - ON Semiconductor NB100LVEP91_06 Datasheet HTML 6Page - ON Semiconductor NB100LVEP91_06 Datasheet HTML 7Page - ON Semiconductor NB100LVEP91_06 Datasheet HTML 8Page - ON Semiconductor NB100LVEP91_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NB100LVEP91
http://onsemi.com
3
D1
D1
D2
17
18
16
15
14
13
12
4
3
56
78
9
Q0
11
10
Q1 Q1
Q2 Q2 NC
VEE
D0
19
20
2
1
VCC Q0
D0
D2
VCC
VBB
NB100LVEP91
GND
GND
VBB
Figure 2. SOIC−20 Lead Pinout (Top View)
VEE
D2
GND
Q0
D1
VCC
VCC
GND GND
Q1
VBB
NC
VBB
VCC
GND
Q1
D1
D2
Q2
VEE
NB100LVEP91
Figure 3. QFN−24 Lead Pinout (Top View)*
Q2
Q0
D0
D0
18
12
4
3
5
6
78
9
11
10
2
1
17
16
15
14
13
19
24
23
22
20
21
Exposed Pad
(EP)
*All VCC, VEE and GND pins must be externally connected to a power supply and the underside exposed pad must be attached to an adequate
heat−sinking conduit to guarantee proper operation.
Table 2. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
(R1)
75 kW
Internal Input Pullup Resistor
(R2)
75 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 150 V
> 2 kV
Moisture Sensitivity (Note 2)
Pb Pkg
Pb−Free Pkg
SO−20 WB
QFN−24
Level 1
Level 1
Level 3
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
446 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
2. For additional information, see Application Note AND8003/D.


Similar Part No. - NB100LVEP91_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP91DW ONSEMI-NB100LVEP91DW Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
NB100LVEP91DWR2 ONSEMI-NB100LVEP91DWR2 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
NB100LVEP91MN ONSEMI-NB100LVEP91MN Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
NB100LVEP91MNR2 ONSEMI-NB100LVEP91MNR2 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
More results

Similar Description - NB100LVEP91_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
MC100EP91 ONSEMI-MC100EP91 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL91 ONSEMI-MC100LVEL91_06 Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com