Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUF6105FC Datasheet(PDF) 2 Page - ON Semiconductor

Part # NUF6105FC
Description  6 Channel EMI Pi-Filter Array with ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUF6105FC Datasheet(HTML) 2 Page - ON Semiconductor

  NUF6105FC Datasheet HTML 1Page - ON Semiconductor NUF6105FC Datasheet HTML 2Page - ON Semiconductor NUF6105FC Datasheet HTML 3Page - ON Semiconductor NUF6105FC Datasheet HTML 4Page - ON Semiconductor NUF6105FC Datasheet HTML 5Page - ON Semiconductor NUF6105FC Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NUF6105FC
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Characteristic
Min
Typ
Max
Unit
VRWM
Maximum Reverse Working Voltage
5.0
V
VBR
IZ = 10 mA
6.0
7.0
8.0
V
IR
VRWM = 3.3 V per line
0.1
mA
RI/O
IR = 20 mA
80
100
120
W
Cd
VR = 2.5 V, f = 1 MHz (Note 1 and 2)
27
pF
1. Measured at 25
°C, VR = 2.5 V, f = 1.0 MHz.
2. Total line capacitance is 2 times the diode capacitance (Cd).
TYPICAL PERFORMANCE CURVES
(TA = 25°C unless otherwise specified)
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
10
100
1000
10000
Figure 1. Insertion Loss Curve
(S21 Measurement)
FREQUENCY (MHz)
−80
−70
−60
−50
−40
−30
−20
−10
0
10
100
1000
10000
Figure 2. Analog Crosstalk Curve
(S41 Measurement)
FREQUENCY (MHz)
Channel 1 or Channel 6
Channel 2 or Channel 5
Channel 3
or Channel 4
Channel 1 to Channel 2
Channel 3 to Channel 4
TEMPERATURE (
°C)
95
96
97
98
99
100
101
102
103
104
105
−40
−15
10
35
60
85
0
0.5
1.0
1.5
2.0
0
1.0
2.0
3.0
4.0
5.0
REVERSE VOLTAGE (V)
Figure 3. Typical Capacitance vs.
Reverse Biased Voltage
(Normalized Capacitance Cd at 2.5 V)
Figure 4. Resistance Over Temperature


Similar Part No. - NUF6105FC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF6105FC ONSEMI-NUF6105FC Datasheet
154Kb / 6P
   6-Channel EMI Filter
August, 2009 ??Rev. 4
NUF6105FCT1 ONSEMI-NUF6105FCT1 Datasheet
74Kb / 6P
   6 Channel EMI Pi-Filter Array with ESD Protection
April, 2003 - Rev. 0
NUF6105FCT1 ONSEMI-NUF6105FCT1 Datasheet
154Kb / 6P
   6-Channel EMI Filter
August, 2009 ??Rev. 4
NUF6105FCT1G ONSEMI-NUF6105FCT1G Datasheet
154Kb / 6P
   6-Channel EMI Filter
August, 2009 ??Rev. 4
More results

Similar Description - NUF6105FC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF6105FCT1 ONSEMI-NUF6105FCT1 Datasheet
74Kb / 6P
   6 Channel EMI Pi-Filter Array with ESD Protection
April, 2003 - Rev. 0
NUF6106FCT1 ONSEMI-NUF6106FCT1 Datasheet
52Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
NUF6106FCT1 ONSEMI-NUF6106FCT1_04 Datasheet
55Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
logo
California Micro Device...
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CSPEMI306A ONSEMI-CSPEMI306A Datasheet
435Kb / 13P
   6-Channel EMI Filter Array with ESD Protection
May 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com