Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB100ELT23LDTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB100ELT23LDTR2G
Description  3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100ELT23LDTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NB100ELT23LDTR2G Datasheet HTML 1Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 2Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 3Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 4Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 5Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 6Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 7Page - ON Semiconductor NB100ELT23LDTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 8
1
Publication Order Number:
NB100ELT23L/D
NB100ELT23L
3.3VDual Differential
LVPECL/LVDS to LVTTL
Translator
The NB100ELT23L is a dual differential LVPECL/LVDS to LVTTL
translator. Because LVPECL (Positive ECL) or LVDS levels are used,
only +3.3 V and ground are required. The small outline 8-lead package
and the dual gate design of the ELT23L makes it ideal for applications
which require the translation of a clock and a data signal.
The ELT23L is available in only the ECL 100K standard. Since
there are no LVPECL outputs or an external VBB reference, the
ELT23L does not require both ECL standard versions. The LVPECL
inputs are differential. Therefore, the NB100ELT23L can accept any
standard differential LVPECL/LVDS input referenced from a VCC of
+3.3 V.
Features
2.1 ns Typical Propagation Delay
Maximum Operating Frequency > 160 MHz
24 mA LVTTL Outputs
Operating Range: VCC = 3.0 V to 3.6 V with GND = 0 V
Pb−Free Packages are Available
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
K23L
ALYW
G
G
SOIC−8
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
http://onsemi.com
KT23L
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


Similar Part No. - NB100ELT23LDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100ELT23LDTR2G ONSEMI-NB100ELT23LDTR2G Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
NB100ELT23LDTR2G ONSEMI-NB100ELT23LDTR2G Datasheet
84Kb / 7P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
August, 2015 ??Rev. 12
More results

Similar Description - NB100ELT23LDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100ELT23L ONSEMI-NB100ELT23L_15 Datasheet
84Kb / 7P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
August, 2015 ??Rev. 12
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
logo
Renesas Technology Corp
MC100ES60T23 RENESAS-MC100ES60T23 Datasheet
628Kb / 9P
   3.3V Dual Differential LVPECL to LVTTL Translator
2019
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Micrel Semiconductor
SY89323L MICREL-SY89323L_06 Datasheet
461Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L Datasheet
51Kb / 4P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L_05 Datasheet
111Kb / 6P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT23L MICREL-SY100EPT23L Datasheet
74Kb / 8P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT23L MICREL-SY10ELT23L_06 Datasheet
58Kb / 5P
   3.3V, DUAL DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
SY89223L MICREL-SY89223L Datasheet
41Kb / 5P
   3.3V DUAL DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com