Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB100LVEP221 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NB100LVEP221
Description  2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP221 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NB100LVEP221_06 Datasheet HTML 3Page - ON Semiconductor NB100LVEP221_06 Datasheet HTML 4Page - ON Semiconductor NB100LVEP221_06 Datasheet HTML 5Page - ON Semiconductor NB100LVEP221_06 Datasheet HTML 6Page - ON Semiconductor NB100LVEP221_06 Datasheet HTML 7Page - ON Semiconductor NB100LVEP221_06 Datasheet HTML 8Page - ON Semiconductor NB100LVEP221_06 Datasheet HTML 9Page - ON Semiconductor NB100LVEP221_06 Datasheet HTML 10Page - ON Semiconductor NB100LVEP221_06 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NB100LVEP221
http://onsemi.com
10
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MM.
3. DATUM PLANE E" IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING PLANE.
4. DATUM X", Y" AND Z" TO BE DETERMINED AT
DATUM PLANE DATUM E".
5. DIMENSIONS M AND L TO BE DETERMINED AT
SEATING PLANE DATUM T".
6. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
(0.010) PER SIDE. DIMENSIONS A AND B DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLAND E".
7. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM D DIMENSION
BY MORE THAN 0.08 (0.003). DAMBAR CANNOT
BE LOCATED ON THE LOWER RADIUS OR THE
FOOT. MINIMUM SPACE BETWEEN PROTRUSION
AND ADJACENT LEAD OR PROTRUSION 0.07
(0.003).
DIM
A
MIN
MAX
MIN
MAX
INCHES
10.00 BSC
0.394 BSC
MILLIMETERS
B
10.00 BSC
0.394 BSC
C
1.30
1.50
0.051
0.059
D
0.22
0.40
0.009
0.016
F
0.45
0.75
0.018
0.030
G
0.65 BSC
0.026 BSC
H
1.00 REF
0.039 BSC
J
0.09
0.20
0.004
0.008
K
0.05
0.20
0.002
0.008
L
12.00 BSC
0.472 BSC
M
12.00 BSC
0.472 BSC
N
0.20 REF
0.008 REF
P
0
7
0
7
R
0
−−−
0
−−−
S
−−−
1.70
−−−
0.067
V
12 REF
12 REF
W
12 REF
12 REF
AA
0.20
0.35
0.008
0.014
AB
0.07
0.16
0.003
0.006
AC
0.08
0.20
0.003
0.008
AD
4.58
4.78
0.180
0.188
AE
4.58
4.78
0.180
0.188
_
_
_
_
___
_
__
−Y−
0.05 (0.002) S
1
B
B/2
13
14
26
27
39
40
52
−X−
L
L/2
−Z−
M
M/2
A
A/2
AJ
AJ
Z
0.20 (0.008) T X−Y
4 PL
Z
0.20 (0.008) E X−Y
−T−
SEATING
PLANE
G
AG
AG
D 52 PL
Z
0.08 (0.003) M T X−Y
−E−
0.10 (0.004) T
1
13
14
26
27
39
40
52
EXPOSED PAD
VIEW AG−AG
AD
AE
DETAIL AH
DETAIL AH
AA
D
AB
J
DETAIL AJ−AJ
REF
BASE
METAL
PLATING
Z
0.08 (0.003) M Y T−U
S C
K
V
R
W
N
F
H
P
AC
0.25
GAGE
PLANE
48 PL
SCALE 1:1
LQFP 52 LEAD EXPOSED PAD PACKAGE
CASE 848H−01
ISSUE A


Similar Part No. - NB100LVEP221_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP221D ONSEMI-NB100LVEP221D Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
NB100LVEP221FA ONSEMI-NB100LVEP221FA Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
NB100LVEP221FAG ONSEMI-NB100LVEP221FAG Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
NB100LVEP221FAR2 ONSEMI-NB100LVEP221FAR2 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
NB100LVEP221FARG ONSEMI-NB100LVEP221FARG Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
More results

Similar Description - NB100LVEP221_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com