Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB100LVEP222FARG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NB100LVEP222FARG
Description  2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP222FARG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NB100LVEP222FARG Datasheet HTML 2Page - ON Semiconductor NB100LVEP222FARG Datasheet HTML 3Page - ON Semiconductor NB100LVEP222FARG Datasheet HTML 4Page - ON Semiconductor NB100LVEP222FARG Datasheet HTML 5Page - ON Semiconductor NB100LVEP222FARG Datasheet HTML 6Page - ON Semiconductor NB100LVEP222FARG Datasheet HTML 7Page - ON Semiconductor NB100LVEP222FARG Datasheet HTML 8Page - ON Semiconductor NB100LVEP222FARG Datasheet HTML 9Page - ON Semiconductor NB100LVEP222FARG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NB100LVEP222
http://onsemi.com
10
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NB100LVEP222/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NB100LVEP222FARG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP222FARG ONSEMI-NB100LVEP222FARG Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
More results

Similar Description - NB100LVEP222FARG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222_05 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37 Datasheet
72Kb / 3P
   1:4 첨1/첨2 ECL/PECL Clock Fanout Buffer
1997 REV 0
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
logo
Freescale Semiconductor...
MC100ES6056 FREESCALE-MC100ES6056 Datasheet
254Kb / 8P
   2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
logo
ON Semiconductor
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
logo
Renesas Technology Corp
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
   3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
logo
Arizona Microtek, Inc
AZP92 AZM-AZP92 Datasheet
106Kb / 7P
   ECL/PECL 첨1, 첨2 Clock Generation Chip with Selectable Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com