Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB100LVEP91MNR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB100LVEP91MNR2
Description  2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB100LVEP91MNR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB100LVEP91MNR2 Datasheet HTML 2Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 3Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 4Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 5Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 6Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 7Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 8Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 9Page - ON Semiconductor NB100LVEP91MNR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NB100LVEP91
http://onsemi.com
6
Table 7. AC CHARACTERISTICS VCC = 2.375 V to 3.8 V; VEE = −2.375 V to −3.8 V; GND = 0 V
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOUTPP
Output Voltage Amplitude
fin v 1.0 GHz
(Figure 4)
fin v 1.5 GHz
(Note 9)
fin v 2.0 GHz
575
525
300
800
750
600
600
525
250
800
750
550
550
400
150
800
750
500
mV
tPLH
tPHL0
Propagation Delay
Differential
D to Q
Single−Ended
375
300
500
450
600
650
375
300
500
450
600
675
400
300
550
500
650
750
ps
tSKEW
Pulse Skew (Note 10)
Output−to−Output (Note 11)
Part−to−Part (Diff) (Note 11)
15
25
50
75
95
125
15
30
50
75
105
125
15
30
70
80
105
150
ps
tJITTER
RMS Random Clock Jitter (Note 12)
fin = 2.0 GHz
Peak−to−Peak Data Dependant Jitter fin = 2.0 Gb/s
(Note 13)
0.5
20
2.0
0.5
20
2.0
0.5
20
2.0
ps
VINPP
Input Voltage Swing (Differential Configuration)
(Note 14)
200
800
1200
200
800
1200
200
800
1200
mV
tr, tf
Output Rise/Fall Times @ 50 MHz
(20% − 80%)
Q, Q
75
150
250
75
150
250
75
150
275
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to GND − 2.0 V. Input edge rates 150 ps (20% − 80%).
10.Pulse Skew = |tPLH − tPHL|
11. Skews are valid across specified voltage range, part−to−part skew is for a given temperature.
12.RMS Jitter with 50% Duty Cycle Input Clock Signal.
13.Peak−to−Peak Jitter with input NRZ PRBS 231−1 at 2.0 Gb/s.
14.Input voltage swing is a single−ended measurement operating in differential mode. The device has a DC gain of ≈ 50.
Figure 4. Output Voltage Amplitude (VOUTPP) / RMS Jitter vs.
Input Frequency (fin) at Ambient Temperature (Typical)
INPUT FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.5
250
350
450
550
650
750
850
9.0
8.0
10
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
RMS JITTER
AMP
Figure 5. AC Reference Measurement
D
D
Q
Q
tPHL
tPLH
VINPP = VIH(D) − VIL(D)
VOUTPP = VOH(Q) − VOL(Q)


Similar Part No. - NB100LVEP91MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP91MNR2 ONSEMI-NB100LVEP91MNR2 Datasheet
76Kb / 8P
   2.5V / 3.3V Any Level Positive Input to -2.5V -3.3V / -5V NECL Output Translator
January, 2003 - Rev. 2
More results

Similar Description - NB100LVEP91MNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
MC100EP91 ONSEMI-MC100EP91 Datasheet
168Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
August, 2006 ??Rev. 1
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL91 ONSEMI-MC100LVEL91_06 Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
logo
Texas Instruments
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com