Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


1N4004 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 1N4004
Description  General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
1N4001-1N4007, Rev. C1
2003 Fairchild Semiconductor Corporation
1N4001 - 1N4007
General Purpose Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Features
Low forward voltage drop.
High surge current capability.
Symbol
Parameter
Device
Units
4001
4002
4003
4004
4005 4006 4007
V
F
Forward Voltage @ 1.0 A
1.1
V
Irr
Maximum Full Load Reverse Current, Full
Cycle
T
A = 75°C
30
µA
I
R
Reverse Current @ rated V
R TA = 25°C
T
A = 100°C
5.0
500
µA
µA
CT
Total Capacitance
V
R = 4.0 V, f = 1.0 MHz
15
pF
DO-41
COLOR BAND DENOTES CATHODE
Symbol
Parameter
Value
Units
4001
4002
4003
4004
4005 4006 4007
VRRM
Peak Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified Forward Current,
.375 " lead length @ TA = 75°C
1.0
A
I
FSM
Non-repetitive Peak Forward Surge
Current
8.3 ms Single Half-Sine-Wave
30
A
T
stg
Storage Temperature Range
-55 to +175
°C
TJ
Operating Junction Temperature
-55 to +175
°C
Symbol
Parameter
Value
Units
P
D
Power Dissipation
3.0
W
RθJA
Thermal Resistance, Junction to Ambient
50
°C/W
Thermal Characteristics




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC3346GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS 1 2 3 4 Motorola, Inc
LMV321General Purpose Low Voltage Rail-to-Rail Output Amplifiers 1 2 3 4 5 MoreFairchild Semiconductor
HN1B01FDW1T1Complementary Dual General Purpose Amplifier Transistor PNP and NPN Surface Mount 1 2 3 4 5 MoreON Semiconductor
MMBT3906GENERAL PURPOSE APPLIATION 1 2 3 Unisonic Technologies
2SC4617GENERAL PURPOSE TRANSISTOR 1 2 3 4 Unisonic Technologies
RC01General purpose chip resistors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
2SC9011AM CONVERTER AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR 1 2 Usha India Ltd.
NE556GENERAL PURPOSE DUAL BIPOLAR TIMERS 1 2 3 4 5 MoreSTMicroelectronics
J110JFET General Purpose N−Channel Depletion 1 2 3 4 ON Semiconductor
MMBT4401NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl