Electronic Components Datasheet Search |
|
74ACT10 Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
74ACT10 Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 7 page 3 www.fairchildsemi.com DC Electrical Characteristics for ACT Note 6: All outputs loaded; thresholds on input associated with output under test. Note 7: Maximum test duration 2.0 ms, one output loaded at a time. AC Electrical Characteristics for AC Note 8: Voltage Range 3.3 is 3.3V r 0.3V Voltage Range 5.0 is 5.0V r 0.5V AC Electrical Characteristics for ACT Note 9: Voltage Range 5.0 is 5.0V r 0.5V Capacitance Symbol Parameter VCC TA 25qCTA 40qC to 85qC Units Conditions (V) Typ Guaranteed Limits VIH Minimum HIGH Level 4.5 1.5 2.0 2.0 V VOUT 0.1V Input Voltage 5.5 1.5 2.0 2.0 or VCC 0.1V VIL Maximum LOW Level 4.5 1.5 0.8 0.8 V VOUT 0.1V Input Voltage 5.5 1.5 0.8 0.8 or VCC 0.1V VOH Minimum HIGH Level 4.5 4.49 4.4 4.4 VIOUT 50 PA Output Voltage 5.5 5.49 5.4 5.4 VIN VILor VIH 4.5 3.86 3.76 V IOH= 24 mA 5.5 4.86 4.76 IOH = 24 mA (Note 6) VOL Maximum LOW Level 4.5 0.001 0.1 0.1 VIOUT 50 PA Output Voltage 5.5 0.001 0.1 0.1 VIN VIL or VIH 4.5 0.36 0.44 V IOL = 24 mA 5.5 0.36 0.44 IOL = 24 mA (Note 6) IIN Maximum Input 5.5 r0.1 r1.0 PAVI VCC, GND Leakage Current ICCT Maximum 5.5 0.6 1.5 mA VI VCC 2.1V ICC/Input IOLD Minimum Dynamic 5.5 75 mA VOLD 1.65V Max IOHD Output Current (Note 7) 5.5 75 mA VOHD 3.85V Min ICC Maximum Quiescent 5.5 4.0 40.0 PAVIN VCC Supply Current or GND Symbol Parameter VCC TA 25qCTA 40qC to 85qC Units (V) CL 50 pF CL 50 pF (Note 8) Min Typ Max Min Max tPLH Propagation Delay 3.3 1.5 6.0 9.5 1.0 10.5 ns 5.0 1.5 4.5 7.0 1.0 8.0 tPHL Propagation Delay 3.3 1.5 5.5 8.5 1.0 10.0 ns 5.0 1.5 4.0 6.0 1.0 6.5 Symbol Parameter VCC TA 25qCTA 40qC to 85qC Units (V) CL 50 pF CL 50 pF (Note 9) Min Typ Max Min Max tPLH Propagation Delay 5.0 1.0 6.5 9.0 1.0 10.0 ns tPHL Propagation Delay 5.0 1.0 6.5 9.0 1.0 9.5 ns Symbol Parameter Typ Units Conditions CIN Input Capacitance 4.5 pF VCC OPEN CPD Power Dissipation Capacitance 25.0 pF VCC 5.0V |
Similar Part No. - 74ACT10_05 |
|
Similar Description - 74ACT10_05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |